Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT21 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WT21
Description  WT21 EVALUATION KIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT21 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WT21 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1 Introduction
FEATURES
Evaluation kit for WT32 Bluetooth audio module containing
o
RS-232 serial interface (230400bps)
o
USB interface for power supply
o
SPI for upgrading the firmware and parameters
o
Reset button
o
PCM codec (OKI MSM7702-01)
o
2 x 3,5mm audio jacks for line in and line out
o
24 pin I/O interface (PIO1 – PIO9, UART, SDIO, PCM, GND, 3V3, ENA)
o
DIP switches for host interface configuration
o
Current measurement point
Host controller interface
TARGET APPLICATIONS
WT21 Evaluation Kit is meant for evaluation and development of WT21 Bluetooth module or prototyping and
piloting Bluetooth systems utilizing WT21 module.
ELECTRICAL FUNCTIONALITY
Please, refer to the latest WT21 data sheet for information about WT21 Bluetooth module. The physical
outlook, schematics, assembly and the PIN configurations of the interfaces of WT21 evaluation Kit are
described in this document.
SOFTWARE FUNCTIONALITY
WT32 evaluation kit is delivered with Host Controller Interface (HCI) firmware, so WT21 only implements the
lowest levels of Bluetooth stack. WT21 always requires a host system that implements the upper layers of
Bluetooth stack and at least one Bluetooth profile.
Bluegiga Technologies Oy
Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com