Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5113 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5113
Description  100?릘ap Digital Potentiometer (POT)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5113 Datasheet HTML 1Page - ON Semiconductor CAT5113 Datasheet HTML 2Page - ON Semiconductor CAT5113 Datasheet HTML 3Page - ON Semiconductor CAT5113 Datasheet HTML 4Page - ON Semiconductor CAT5113 Datasheet HTML 5Page - ON Semiconductor CAT5113 Datasheet HTML 6Page - ON Semiconductor CAT5113 Datasheet HTML 7Page - ON Semiconductor CAT5113 Datasheet HTML 8Page - ON Semiconductor CAT5113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT5113
http://onsemi.com
2
DEVICE MARKING INFORMATION
AARR = CAT5113ZI−10−T3
AARC = CAT5113ZI−50−T3
AARG = CAT5113ZI−00−T3
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
P = Product Revision
R = Resistance:
0 = 1 kW
2 = 10 kW
4 = 50 kW
5 = 100 kW
L = Assembly Location
4 = Lead Finish − NiPdAu
A = Product Revision (Fixed as “A”)
CAT5113L = Device Code (PDIP)
CAT5113V = Device Code (SOIC)
T = Temperature Range (Industrial)
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
XXXX = Last Four Digits of Assembly Lot Number
A3 = Device Code
R = Resistance:
2 = 10 kW
4 = 50 kW
5 = 100 kW
L = Assembly Location
4 = Lead Finish − NiPdAu
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
XXX = Last Three Digits of
XXX = Assembly Lot Number
TSSOP
PDIP
SOIC
MSOP
RL4A
CAT5113LT
YMXXXX
RL4A
CAT5113VT
YMXXXX
AARR
YMP
A3RL
4YMXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com