Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5113 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5113
Description  100?릘ap Digital Potentiometer (POT)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5113 Datasheet HTML 1Page - ON Semiconductor CAT5113 Datasheet HTML 2Page - ON Semiconductor CAT5113 Datasheet HTML 3Page - ON Semiconductor CAT5113 Datasheet HTML 4Page - ON Semiconductor CAT5113 Datasheet HTML 5Page - ON Semiconductor CAT5113 Datasheet HTML 6Page - ON Semiconductor CAT5113 Datasheet HTML 7Page - ON Semiconductor CAT5113 Datasheet HTML 8Page - ON Semiconductor CAT5113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT5113
http://onsemi.com
3
Functional Diagram
Figure 1. General
Control
and
Memory
Power On
GND
Decoder
31
30
29
28
2
1
0
Transfer
Gates
Resistor
Array
5−Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
5−Bit
Up/Down
Counter
GND
Figure 2. Detailed
Figure 3. Electronic
Potentiometer
Implementation
VCC
CS
INC
U/D
RH
RW
RL
VCC
Recall
CS
INC
U/D
1 of 32
RH
RW
RL
RH
RW
RL
Pin Description
INC: Increment Control Input
The INC input moves the wiper in the up or down direction
determined by the condition of the U/D input.
U/D: Up/Down Control Input
The U/D input controls the direction of the wiper movement.
When in a high state and CS is low, any high−to−low
transition on INC will cause the wiper to move one
increment toward the RH terminal. When in a low state and
CS is low, any high-to-low transition on INC will cause the
wiper to move one increment towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is not
required that this terminal be connected to a potential greater
than the RL terminal. Voltage applied to the RH terminal
cannot exceed the supply voltage, VCC or go below ground,
GND.
RW: Wiper Potentiometer Terminal
RW is the wiper terminal of the potentiometer. Its position on
the resistor array is controlled by the control inputs, INC,
U/D and CS. Voltage applied to the RW terminal cannot
exceed the supply voltage, VCC or go below ground, GND.
RL: Low End Potentiometer Terminal
RL is the low end terminal of the potentiometer. It is not
required that this terminal be connected to a potential less
than the RH terminal. Voltage applied to the RL terminal
cannot exceed the supply voltage, VCC or go below ground,
GND. RL and RH are electrically interchangeable.
CS: Chip Select
The chip select input is used to activate the control input of
the CAT5113 and is active low. When in a high state, activity
on the INC and U/D inputs will not affect or change the
position of the wiper.
Device Operation
The CAT5113 operates like a digitally controlled
potentiometer with RH and RL equivalent to the high and low
terminals and RW equivalent to the mechanical
potentiometer’s wiper. There are 100 available tap positions
including the resistor end points, RH and RL. There are 99
resistor elements connected in series between the RH and RL
terminals. The wiper terminal is connected to one of the 100
taps and controlled by three inputs, INC, U/D and CS. These
inputs control a seven−bit up/down counter whose output is
decoded to select the wiper position. The selected wiper
position can be stored in nonvolatile memory using the INC
and CS inputs.
With CS set LOW the CAT5113 is selected and will
respond to the U/D and INC inputs. HIGH to LOW
transitions on INC will increment or decrement the wiper
(depending on the state of the U/D input and seven-bit
counter). The wiper, when at either fixed terminal, acts like
its mechanical equivalent and does not move beyond the last
position. The value of the counter is stored in nonvolatile
memory whenever CS transitions HIGH while the INC input
is also HIGH. When the CAT5113 is powered-down, the last
stored wiper counter position is maintained in the
nonvolatile memory. When power is restored, the contents
of the memory are recalled and the counter is set to the value
stored.
With INC set low, the CAT5113 may be de-selected and
powered down without storing the current wiper position in
nonvolatile memory. This allows the system to always
power up to a preset value stored in nonvolatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com