Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCCON4 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCCON4
Description  8-/10-Channel, Low Voltage, Low Power,ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCCON4 Datasheet(HTML) 1 Page - Analog Devices

  ADCCON4 Datasheet HTML 1Page - Analog Devices ADCCON4 Datasheet HTML 2Page - Analog Devices ADCCON4 Datasheet HTML 3Page - Analog Devices ADCCON4 Datasheet HTML 4Page - Analog Devices ADCCON4 Datasheet HTML 5Page - Analog Devices ADCCON4 Datasheet HTML 6Page - Analog Devices ADCCON4 Datasheet HTML 7Page - Analog Devices ADCCON4 Datasheet HTML 8Page - Analog Devices ADCCON4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7708/AD7718
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
8-/10-Channel, Low Voltage,
Low Power, - ADCs
FUNCTIONAL BLOCK DIAGRAM
DVDD
XTAL1 XTAL2
MUX
POS BUF
-
ADC*
AIN1
AIN2
AIN3
AIN4
PGA
OSC
AND
PLL
SERIAL
INTERFACE
AND
CONTROL
LOGIC
DOUT
DIN
SCLK
CS
RDY
RESET
AVDD
I/O PORT
AVDD
AD7708/ AD7718
DGND
P2
P1
REFIN2(+)/AIN9
REFIN1(+) REFIN2(–)/AIN10
REFIN1(–)
AINCOM
AIN5
AIN6
AIN7
AIN8
AGND
*AD7708 16-BIT ADC
*AD7718 24-BIT ADC
REFIN(+)
REFIN(–)
NEG BUF
FEATURES
8-/10-Channel, High Resolution
-
ADCs
AD7708 Has 16-Bit Resolution
AD7718 Has 24-Bit Resolution
Factory-Calibrated
Single Conversion Cycle Setting
Programmable Gain Front End
Simultaneous 50 Hz and 60 Hz Rejection
VREF Select™ Allows Absolute and Ratiometric
Measurement Capability
Operation Can Be Optimized for
Analog Performance (
CHOP = 0) or
Channel Throughput (
CHOP = 1)
INTERFACE
3-Wire Serial
SPITM, QSPITM, MICROWIRETM, and DSP-Compatible
Schmitt Trigger on SCLK
POWER
Specified for Single 3 V and 5 V Operation
Normal: 1.28 mA Typ @ 3 V
Power-Down: 30
A (32 kHz Crystal Running)
On-Chip Functions
Rail-to-Rail Input Buffer and PGA
2-Bit Digital I/O Port
APPLICATIONS
Industrial Process Control
Instrumentation
Pressure Transducers
Portable Instrumentation
Smart Transmitters
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
VREF Select is a trademark of Analog Devices, Inc.
GENERAL DESCRIPTION
The AD7708/AD7718 are complete analog front-ends for low
frequency measurement applications. The AD7718 contains a
24-bit
Σ-∆ ADC with PGA and can be configured as 4/5 fully-
differential input channels or 8/10 pseudo-differential input
channels. Two pins on the device are configurable as analog
inputs or reference inputs. The AD7708 is a 16-bit version of
the AD7718. Input signal ranges from 20 mV to 2.56 V can be
directly converted using these ADCs. Signals can be converted
directly from a transducer without the need for signal conditioning.
The device operates from a 32 kHz crystal with an on-board PLL
generating the required internal operating frequency. The output
data rate from the part is software programmable. The peak-to-
peak resolution from the part varies with the programmed gain
and output data rate.
The part operates from a single 3 V or 5 V supply. When operating
from 3 V supplies, the power dissipation for the part is 3.84 mW typ.
Both parts are pin-for-pin compatible allowing an upgradable
path from 16 to 24 bits without the need for hardware modifica-
tions. The AD7708/AD7718 are housed in 28-lead SOIC and
TSSOP packages.


Similar Part No. - ADCCON4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADCC-S05R5S ABRACON-ADCC-S05R5S Datasheet
638Kb / 5P
5.5V Coin Supercapacitor Horizontal, Center Pins
8/18/2023
ADCC-S05R5SA104X ABRACON-ADCC-S05R5SA104X Datasheet
638Kb / 5P
5.5V Coin Supercapacitor Horizontal, Center Pins
8/18/2023
ADCC-S05R5SA105R ABRACON-ADCC-S05R5SA105R Datasheet
638Kb / 5P
5.5V Coin Supercapacitor Horizontal, Center Pins
8/18/2023
ADCC-S05R5SA155R ABRACON-ADCC-S05R5SA155R Datasheet
638Kb / 5P
5.5V Coin Supercapacitor Horizontal, Center Pins
8/18/2023
ADCC-S05R5SA224W ABRACON-ADCC-S05R5SA224W Datasheet
638Kb / 5P
5.5V Coin Supercapacitor Horizontal, Center Pins
8/18/2023
More results

Similar Description - ADCCON4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7708 AD-AD7708 Datasheet
339Kb / 44P
8-/10-Channel, Low Voltage, Low Power, ADCs
REV.0
logo
Maxim Integrated Produc...
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
logo
Analog Devices
AD7708BRZ AD-AD7708BRZ Datasheet
326Kb / 44P
8-/10-Channel, Low Voltage, Low Power, - ADCs
REV. 0
AD7708BRUZ AD-AD7708BRUZ Datasheet
326Kb / 44P
8-/10-Channel, Low Voltage, Low Power, - ADCs
REV. 0
AD7718BRZ AD-AD7718BRZ Datasheet
300Kb / 44P
8-/10-Channel, Low Voltage
REV. 0
AD7718BRZ-REEL AD-AD7718BRZ-REEL Datasheet
300Kb / 44P
8-/10-Channel, Low Voltage, Low Power, -ADCs
REV. 0
AD7718BRUZ AD-AD7718BRUZ Datasheet
300Kb / 44P
8-/10-Channel, Low Voltage, Low Power, ADCs
REV. 0
AD7708 AD-AD7708_15 Datasheet
326Kb / 44P
8-/10-Channel, Low Voltage
REV. 0
AD7718 AD-AD7718_15 Datasheet
326Kb / 44P
8-/10-Channel, Low Voltage
REV. 0
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com