Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC34813 Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC34813
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813 Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC34813 Datasheet HTML 1Page - Cymbet Corporation CBC34813 Datasheet HTML 2Page - Cymbet Corporation CBC34813 Datasheet HTML 3Page - Cymbet Corporation CBC34813 Datasheet HTML 4Page - Cymbet Corporation CBC34813 Datasheet HTML 5Page - Cymbet Corporation CBC34813 Datasheet HTML 6Page - Cymbet Corporation CBC34813 Datasheet HTML 7Page - Cymbet Corporation CBC34813 Datasheet HTML 8Page - Cymbet Corporation CBC34813 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.01
Page 1 of 9
SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34813 EnerChip™ RTC
Features
• Ultra low power Real Time Clock with Integrated
rechargeable EnerChip™ solid state battery,
power-fail detect and automatic switchover,
providing greater than 6 days of RTC backup
• 5mm x 5mm x 1.4mm QFN package is the
smallest commercially available RTC having
integrated backup power
• Temperature-compensated charge control
• Integrated EnerChip™ recharged at VDD > 2.5V
• SMT assembly - lead-free reflow solder tolerant
• Counters for hundredths, seconds, minutes,
hours, date, month, year, century, and weekday
based on a 32.768 kHz oscillator
• Automatic leap year calculation
• Alarm capability on all counters
• 2 general purpose outputs
• 64 bytes of RAM
• Advanced crystal calibration to ± 2 ppm
• Advanced RC calibration to ± 16 ppm
• Automatic calibration of RC oscillator to crystal
oscillator
• SPI-bus (up to 400kHz)
• Eco-friendly, RoHS compliant - tested
General Description
The EnerChip RTC CBC34813-M5C combines a
Real-Time Clock (RTC) and calendar optimized
for low power applications with an integrated
rechargeable solid state backup battery and all power
management functions. The EnerChip RTC ensures
a seamless transition from main power to backup
power in the event of power loss. The integrated
power management circuit ensures thousands of
charge-discharge cycles from the integrated EnerChip
and manages battery charging, discharge cutoff,
power switchover, and temperature compensation
to maximize the service life of the device. The
CBC34813 provides greater than 6 days of backup
time in the event main power is interrupted. The
integrated EnerChip recharges quickly, has extremely
low self-discharge, is non-flammable, and RoHS-
compliant. The EnerChip is charged automatically
anytime VDD is above 2.5V.
Data is transferred serially via an SPI-bus. Alarm
and timer functions provide the option to generate a
wake-up signal on an interrupt pin.
5mm x 5mm x 1.4mm 16-pin QFN Package
Applications
• Power bridging
to provide uninterruptible RTC
function during exchange of main batteries.
• Consumer appliances
that have real-time
clocks; provides switchover power from main
supply to backup battery.
• Ultra Low Power Timers
using only 35nA can be
implemented with the CBC34813
• Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
• Business and industrial systems
such as:
network routers, point-of-sale terminals, single-
board computers, test equipment, multi-function
printers, industrial controllers, and utility meters.
• Time keeping application
• Battery powered devices
• Metering
• High duration timers
• Daily alarms
• Low standby power applications
Preliminary
Figure 1: CBC34813 Pin-out Diagram


Similar Part No. - CBC34813

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34813-M5C CYMBET-CBC34813-M5C Datasheet
280Kb / 7P
Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC34813-M5C CYMBET-CBC34813-M5C Datasheet
326Kb / 5P
Extend Battery Life by Reducing System Power using the EnerChip RTC
CBC34813-M5C CYMBET-CBC34813-M5C Datasheet
4Mb / 14P
EnerChip??RTC Evaluation Kit
CBC34813-M5C-TR1 CYMBET-CBC34813-M5C-TR1 Datasheet
280Kb / 7P
Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC34813-M5C-TR1 CYMBET-CBC34813-M5C-TR1 Datasheet
326Kb / 5P
Extend Battery Life by Reducing System Power using the EnerChip RTC
More results

Similar Description - CBC34813

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
SPI Real-Time Clock Calendar
logo
Cymbet Corporation
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
SPI Real-Time Clock/Calendar with Integrated Backup Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com