Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC34813 Datasheet(PDF) 4 Page - Cymbet Corporation

Part # CBC34813
Description  SPI Real-Time Clock/Calendar with Integrated Backup Power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34813 Datasheet(HTML) 4 Page - Cymbet Corporation

  CBC34813 Datasheet HTML 1Page - Cymbet Corporation CBC34813 Datasheet HTML 2Page - Cymbet Corporation CBC34813 Datasheet HTML 3Page - Cymbet Corporation CBC34813 Datasheet HTML 4Page - Cymbet Corporation CBC34813 Datasheet HTML 5Page - Cymbet Corporation CBC34813 Datasheet HTML 6Page - Cymbet Corporation CBC34813 Datasheet HTML 7Page - Cymbet Corporation CBC34813 Datasheet HTML 8Page - Cymbet Corporation CBC34813 Datasheet HTML 9Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CBC34813 EnerChip™ RTC
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-38 V.01
Page 4 of 9
Preliminary
Absolute Maximum Ratings
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
Self-Discharge (5 yr. average)
Non-recoverable
-
2.5
-
% per year
Recoverable
-
1.5(1)
-
% per year
Operating Temperature
-
-10
25
+70
°C
Storage Temperature
-
-40
-
+125 (2)
°C
Recharge Cycles
(to 80% of rated
capacity)
25°C
10% depth-of-discharge
5000
-
-
cycles
50% depth-of discharge
1000
-
-
cycles
40°C
10% depth-of-discharge
2500
-
-
cycles
50% depth-of-discharge
500
-
-
cycles
Recharge Time (to 80% of rated
capacity; 4.1V charge; 25°C)
Charge cycle 2
-
11
22
minutes
Charge cycle 1000
-
45
70
Capacity
40nA discharge; 25°C
5
-
-
µAh
(1) First month recoverable self-discharge is 5% average.
(2) Storage temperature is for uncharged EnerChip CC device.
Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice.
PARAMETER / PIN
CONDITION
MIN
TYPICAL
MAX
UNITS
VDD with respect to GND
25°C
GND - 0.3
-
3.6
V
ENABLE Input Voltage
25°C
GND - 0.3
-
VDD+0.3
V
VEC (1)
25°C
3.0
-
4.15
V
VCHG (1)
25°C
3.0
-
4.15
V
RESET Output Voltage
25°C
GND - 0.3
-
2.7
V
VCAP
25°C
GND - 0.3
-
3.6
V
XI, XO, SDI, SDO, SCL, nCE, AF, FOUT/
nIRQ, nIRQ2
See Ambiq Micro AM0813 Data Sheet
Integrated EnerChip Thin Film Battery Operating Characteristics
(1) No external connections to these pins are allowed, except parallel EnerChips.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com