Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2514 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2514
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2514 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2514 Datasheet HTML 22Page - Microchip Technology USB2514 Datasheet HTML 23Page - Microchip Technology USB2514 Datasheet HTML 24Page - Microchip Technology USB2514 Datasheet HTML 25Page - Microchip Technology USB2514 Datasheet HTML 26Page - Microchip Technology USB2514 Datasheet HTML 27Page - Microchip Technology USB2514 Datasheet HTML 28Page - Microchip Technology USB2514 Datasheet HTML 29Page - Microchip Technology USB2514 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 2.2 (02-17-12)
26
SMSC USB251xB/xBi
DATASHEET
Chapter 5 Initial Interface/Configuration Options
The hub must be configured in order to correctly function when attached to a USB host controller. The
hub can be configured either internally or externally by setting the CFG_SEL[1:0] pins (immediately
after RESET_N negation) as outlined in the table below.
Note:
See Chapter 11 (Hub Specification) of the USB specification for general details regarding hub
operation and functionality.
To configure the hub externally, there are two principal ways to interface to the hub: over SMBus or
I2C EEPROM. The hub can be configured internally, where several default configurations are available
as described in the table below. When configured internally, additional configuration is available using
the strap options (listed in Section 3.3.1 on page 22).
Note:
Strap options are not available when configuring the hub over I2C or SMBus.
Table 5.1 Initial Interface/Configuration Options
CFG_SEL[1]
CFG_SEL[0]
DESCRIPTION
0
0
Default configuration:
Strap options enabled
Self-powered operation enabled
Individual power switching
Individual over-current sensing
0
1
The hub is configured externally over SMBus (as an SMBus slave
device):
Strap options disabled
All registers configured over SMBus
1
0
Default configuration with the following overrides:
Bus-powered operation
1
1
The hub is configured over 2-wire I2C EEPROM:
Strap options disabled
All registers configured by I2C EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com