Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2514 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2514
Description  USB 2.0 Hi-Speed Hub Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2514 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2514 Datasheet HTML 7Page - Microchip Technology USB2514 Datasheet HTML 8Page - Microchip Technology USB2514 Datasheet HTML 9Page - Microchip Technology USB2514 Datasheet HTML 10Page - Microchip Technology USB2514 Datasheet HTML 11Page - Microchip Technology USB2514 Datasheet HTML 12Page - Microchip Technology USB2514 Datasheet HTML 13Page - Microchip Technology USB2514 Datasheet HTML 14Page - Microchip Technology USB2514 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251xB/xBi
11
Revision 2.2 (02-17-12)
DATASHEET
Chapter 3 Pin Information
This chapter outlines the pinning configurations for each package type available, followed by a
corresponding pin list organized alphabetically. The detailed pin descriptions are listed then outlined
by function in Section 3.3: Pin Descriptions (Grouped by Function) on page 19.
3.1
Pin Configurations
The following figures detail the pinouts of the various USB251xB/xBi versions.
Figure 3.1 2-Port 36-Pin QFN
Ground Pad
(must be connected to VSS)
SMSC
USB2512B/12Bi
(Top View QFN-36)
18
NC
17
16
15
14
VDD33
13
CRFILT
12
11
TEST
10
VDDA33
OCS_N2
PRTPWR2/BC_EN2
OCS_N1
PRTPWR1/BC_EN1
28
VDDA33
29
USBDP_UP
31
XTALOUT
32
33
RBIAS
36
VDD33
35
PLLFILT
34
USBDM_UP
30
XTALIN/CLKIN
SUSP_IND/LOCAL_PWR/NON_REM0
Indicates pins on the bottom of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com