Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3488 Datasheet HTML 9Page - Texas Instruments LM3488 Datasheet HTML 10Page - Texas Instruments LM3488 Datasheet HTML 11Page - Texas Instruments LM3488 Datasheet HTML 12Page - Texas Instruments LM3488 Datasheet HTML 13Page - Texas Instruments LM3488 Datasheet HTML 14Page - Texas Instruments LM3488 Datasheet HTML 15Page - Texas Instruments LM3488 Datasheet HTML 16Page - Texas Instruments LM3488 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM3488
LM3488-Q1
www.ti.com
SNVS089M – JULY 2000 – REVISED MARCH 2013
The LM3488 can be synchronized to an external clock. The external clock must be connected to the
FA/SYNC/SD pin through a resistor, RSYNC as shown in Figure 28. The value of this resistor is dependent on the
off time of the synchronization pulse, TOFF(SYNC). Table 1 shows the range of resistors to be used for a given
TOFF(SYNC).
Table 1.
TOFF(SYNC) (µsec)
RSYNC range (kΩ)
1
5 to 13
2
20 to 40
3
40 to 65
4
55 to 90
5
70 to 110
6
85 to 140
7
100 to 160
8
120 to 190
9
135 to 215
10
150 to 240
It is also necessary to have the width of the synchronization pulse wider than the duty cycle of the converter
(when DR pin is high and the switching point is low). It is also necessary to have the synchronization pulse width
≥ 300nsecs.
The FA/SYNC/SD pin also functions as a shutdown pin. If a high signal (see Electrical Characteristics for
definition of high signal) appears on the FA/SYNC/SD pin, the LM3488 stops switching and goes into a low
current mode. The total supply current of the IC reduces to less than 10µA under these conditions.
Figure 29 and Figure 30 show implementation of shutdown function when operating in Frequency adjust mode
and synchronization mode respectively. In frequency adjust mode, connecting the FA/SYNC/SD pin to ground
forces the clock to run at a certain frequency. Pulling this pin high shuts down the IC. In frequency adjust or
synchronization mode, a high signal for more than 30µs shuts down the IC.
Figure 31 shows implementation of both frequency adjust with RFA resistor and frequency synchronization with
RSYNC. The switching frequency is defined by RFA when a synchronization signal is not applied. When sync is
applied it overrides the RFA setting.
Figure 27. Frequency Adjust
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com