Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3488 Datasheet HTML 17Page - Texas Instruments LM3488 Datasheet HTML 18Page - Texas Instruments LM3488 Datasheet HTML 19Page - Texas Instruments LM3488 Datasheet HTML 20Page - Texas Instruments LM3488 Datasheet HTML 21Page - Texas Instruments LM3488 Datasheet HTML 22Page - Texas Instruments LM3488 Datasheet HTML 23Page - Texas Instruments LM3488 Datasheet HTML 24Page - Texas Instruments LM3488 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM3488
LM3488-Q1
www.ti.com
SNVS089M – JULY 2000 – REVISED MARCH 2013
POWER MOSFET SELECTION
The drive pin of LM3488 must be connected to the gate of an external MOSFET. In a boost topology, the drain of
the external N-Channel MOSFET is connected to the inductor and the source is connected to the ground. The
drive pin (DR) voltage depends on the input voltage (see Typical Performance Characteristics). In most
applications, a logic level MOSFET can be used. For very low input voltages, a sub-logic level MOSFET should
be used.
The selected MOSFET directly controls the efficiency. The critical parameters for selection of a MOSFET are:
1. Minimum threshold voltage, VTH(MIN)
2. On-resistance, RDS(ON)
3. Total gate charge, Qg
4. Reverse transfer capacitance, CRSS
5. Maximum drain to source voltage, VDS(MAX)
The off-state voltage of the MOSFET is approximately equal to the output voltage. VDS(MAX) of the MOSFET must
be greater than the output voltage. The power losses in the MOSFET can be categorized into conduction losses
and ac switching or transition losses. RDS(ON) is needed to estimate the conduction losses. The conduction loss,
PCOND, is the I
2R loss across the MOSFET. The maximum conduction loss is given by:
where
•
DMAX is the maximum duty cycle.
(26)
(27)
The turn-on and turn-off transitions of a MOSFET require times of tens of nano-seconds. CRSS and Qg are
needed to estimate the large instantaneous power loss that occurs during these transitions.
The amount of gate current required to turn the MOSFET on can be calculated using the formula:
IG = Qg.FS
(28)
The required gate drive power to turn the MOSFET on is equal to the switching frequency times the energy
required to deliver the charge to bring the gate charge voltage to VDR (see Electrical Characteristics and Typical
Performance Characteristics for the drive voltage specification).
PDrive = FS.Qg.VDR
(29)
INPUT CAPACITOR SELECTION
Due to the presence of an inductor at the input of a boost converter, the input current waveform is continuous
and triangular, as shown in Figure 33. The inductor ensures that the input capacitor sees fairly low ripple
currents. However, as the input capacitor gets smaller, the input ripple goes up. The rms current in the input
capacitor is given by:
(30)
The input capacitor should be capable of handling the rms current. Although the input capacitor is not as critical
in a boost application, low values can cause impedance interactions. Therefore a good quality capacitor should
be chosen in the range of 10µF to 20µF. If a value lower than 10µF is used, then problems with impedance
interactions or switching noise can affect the LM3478. To improve performance, especially with VIN below 8 volts,
it is recommended to use a 20
Ω resistor at the input to provide a RC filter. The resistor is placed in series with
the VIN pin with only a bypass capacitor attached to the VIN pin directly (see Figure 35). A 0.1µF or 1µF ceramic
capacitor is necessary in this configuration. The bulk input capacitor and inductor will connect on the other side
of the resistor with the input power supply.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com