Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2500RGPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 52Page - Texas Instruments CC2500RGPR Datasheet HTML 53Page - Texas Instruments CC2500RGPR Datasheet HTML 54Page - Texas Instruments CC2500RGPR Datasheet HTML 55Page - Texas Instruments CC2500RGPR Datasheet HTML 56Page - Texas Instruments CC2500RGPR Datasheet HTML 57Page - Texas Instruments CC2500RGPR Datasheet HTML 58Page - Texas Instruments CC2500RGPR Datasheet HTML 59Page - Texas Instruments CC2500RGPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
CC2500
SWRS040C
Page 56 of 89
31.6
Crystal Drift Compensation
The
CC2500 has a very fine frequency
resolution (see Table 9). This feature can be
used to compensate for frequency offset and
drift.
The frequency offset between an ‘external’
transmitter and the receiver is measured in the
CC2500 and can be read back from the
FREQEST
status register as described in
Section 14.1. The measured frequency offset
can be used to calibrate the frequency using
the ‘external’ transmitter as the reference. That
is, the received signal of the device will match
the receiver’s channel filter better. In the same
way the centre frequency of the transmitted
signal will match the ‘external’ transmitter’s
signal.
31.7
Spectrum Efficient Modulation
CC2500 also has the possibility to use
Gaussian
shaped
2-FSK
(GFSK).
This
spectrum-shaping feature improves adjacent
channel
power
(ACP)
and
occupied
bandwidth. In ‘true’ 2-FSK systems with abrupt
frequency shifting, the spectrum is inherently
broad. By making the frequency shift ‘softer’,
the
spectrum
can
be
made
significantly
narrower. Thus, higher data rates can be
transmitted in the same bandwidth using
GFSK.
31.8
Low Cost Systems
A differential antenna will eliminate the need
for a balun, and the DC biasing can be
achieved in the antenna topology, see Figure
3. The CC25XX Folded Dipole reference
design [8] contains schematics and layout files
for a CC2500EM with a folded dipole PCB
antenna. Please see DN004 [9] for more
details on this design.
A HC-49 type SMD crystal is used in the
CC2500EM reference design [4]. Note that the
crystal package strongly influences the price.
In a size constrained PCB design a smaller,
but more expensive, crystal may be used.
31.9
Battery Operated Systems
In low power applications, the SLEEP state
with the crystal oscillator core switched off
should be used when the
CC2500 is not active.
It is possible to leave the crystal oscillator core
running in the SLEEP state if start-up time is
critical.
The WOR functionality should be used in low
power applications.
31.10
Increasing Output Power
In some applications it may be necessary to
extend the link range. Adding an external
power amplifier is the most effective way of
doing this.
The
power
amplifier
should
be
inserted
between the antenna and the balun, and two
T/R switches are needed to disconnect the PA
in RX mode. See Figure 29.
Figure 29. Block Diagram of
CC2500 Usage with External Power Amplifier
CC2500
Balun
Filter
Antenna
T/R switch
T/R switch
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com