Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2500RGPR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500RGPR
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500RGPR Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC2500RGPR Datasheet HTML 72Page - Texas Instruments CC2500RGPR Datasheet HTML 73Page - Texas Instruments CC2500RGPR Datasheet HTML 74Page - Texas Instruments CC2500RGPR Datasheet HTML 75Page - Texas Instruments CC2500RGPR Datasheet HTML 76Page - Texas Instruments CC2500RGPR Datasheet HTML 77Page - Texas Instruments CC2500RGPR Datasheet HTML 78Page - Texas Instruments CC2500RGPR Datasheet HTML 79Page - Texas Instruments CC2500RGPR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
CC2500
SWRS040C
Page 76 of 89
0x1C: AGCCTRL1 – AGC Control
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6
AGC_LNA_PRIORITY
1
R/W
Selects between two different strategies for LNA and LNA2
gain adjustment. When 1, the LNA gain is decreased first.
When 0, the LNA2 gain is decreased to minimum before
decreasing LNA gain.
5:4
CARRIER_SENSE_REL_THR[1:0]
0 (00)
R/W
Sets the relative change threshold for asserting carrier
sense.
Setting
Carrier sense relative threshold
0 (00)
Relative carrier sense threshold disabled
1 (01)
6 dB increase in RSSI value
2 (10)
10 dB increase in RSSI value
3 (11)
14 dB increase in RSSI value
3:0
CARRIER_SENSE_ABS_THR[3:0]
0
(0000)
R/W
Sets the absolute RSSI threshold for asserting carrier
sense. The 2’s complement signed threshold is programmed
in steps of 1 dB and is relative to the MAGN_TARGET
setting.
Setting
Carrier sense absolute threshold
(Equal to channel filter amplitude when AGC
has not decreased gain)
-8 (1000)
Absolute carrier sense threshold disabled
-7 (1001)
7 dB below MAGN_TARGET setting
…
…
-1 (1111)
1 dB below MAGN_TARGET setting
0 (0000)
At MAGN_TARGET setting
1 (0001)
1 dB above MAGN_TARGET setting
…
…
7 (0111)
7 dB above MAGN_TARGET setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com