Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 67 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 67 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 63Page - Microchip Technology DSPIC30F5015 Datasheet HTML 64Page - Microchip Technology DSPIC30F5015 Datasheet HTML 65Page - Microchip Technology DSPIC30F5015 Datasheet HTML 66Page - Microchip Technology DSPIC30F5015 Datasheet HTML 67Page - Microchip Technology DSPIC30F5015 Datasheet HTML 68Page - Microchip Technology DSPIC30F5015 Datasheet HTML 69Page - Microchip Technology DSPIC30F5015 Datasheet HTML 70Page - Microchip Technology DSPIC30F5015 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 65
dsPIC30F6010A/6015
9.4
Timer Interrupt
The 16-bit timer has the ability to generate an interrupt
on period match. When the timer count matches the
period register, the T1IF bit is asserted and an interrupt
will be generated, if enabled. The T1IF bit must be
cleared in software. The Timer Interrupt Flag, T1IF, is
located in the IFS0 Control register in the interrupt
controller.
When the Gated Time Accumulation mode is enabled,
an interrupt will also be generated on the falling edge of
the gate signal (at the end of the accumulation cycle).
Enabling
an
interrupt
is
accomplished
via
the
respective Timer Interrupt Enable bit, T1IE. The Timer
Interrupt Enable bit is located in the IEC0 Control
register in the interrupt controller.
9.5
Real-Time Clock
Timer1, when operating in Real-Time Clock (RTC)
mode, provides time-of-day and event time-stamping
capabilities. Key operational features of the RTC are:
• Operation from 32 kHz LP oscillator
• 8-bit prescaler
• Low power
• Real-Time Clock interrupts
These Operating modes are determined by setting the
appropriate bit(s) in the T1CON Control register.
FIGURE 9-2:
RECOMMENDED
COMPONENTS FOR
TIMER1 LP OSCILLATOR
RTC
9.5.1
RTC OSCILLATOR OPERATION
When the TON = 1, TCS = 1 and TGATE = 0, the timer
increments on the rising edge of the 32 kHz LP oscilla-
tor output signal, up to the value specified in the period
register, and is then reset to ‘0’.
The TSYNC bit must be asserted to a logic ‘0’
(Asynchronous mode) for correct operation.
Enabling LPOSCEN (OSCCON<1>) will disable the
normal Timer and Counter modes and enable a timer
carry-out wake-up event.
When the CPU enters Sleep mode, the RTC will con-
tinue to operate, provided the 32 kHz external crystal
oscillator is active and the control bits have not been
changed. The TSIDL bit should be cleared to ‘0’ in
order for RTC to continue operation in Idle mode.
9.5.2
RTC INTERRUPTS
When an interrupt event occurs, the respective
interrupt flag, T1IF, is asserted and an interrupt will be
generated, if enabled. The T1IF bit must be cleared in
software. The respective Timer Interrupt Flag, T1IF, is
located in the IFS0 STATUS register in the interrupt
controller.
Enabling an interrupt is accomplished via the respec-
tive Timer Interrupt Enable bit, T1IE. The Timer
Interrupt Enable bit is located in the IEC0 Control
register in the interrupt controller.
SOSCI
SOSCO
R
C1
C2
dsPIC30FXXXX
32.768 kHz
XTAL
C1 = C2 = 18 pF; R = 100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com