Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 83 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 83 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 79Page - Microchip Technology DSPIC30F5015 Datasheet HTML 80Page - Microchip Technology DSPIC30F5015 Datasheet HTML 81Page - Microchip Technology DSPIC30F5015 Datasheet HTML 82Page - Microchip Technology DSPIC30F5015 Datasheet HTML 83Page - Microchip Technology DSPIC30F5015 Datasheet HTML 84Page - Microchip Technology DSPIC30F5015 Datasheet HTML 85Page - Microchip Technology DSPIC30F5015 Datasheet HTML 86Page - Microchip Technology DSPIC30F5015 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 236 page
background image
TABLE 12-1:
INPUT CAPTURE REGISTER MAP
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
IC1BUF
0140
Input 1 Capture Register
uuuu uuuu uuuu uuuu
IC1CON
0142
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC2BUF
0144
Input 2 Capture Register
uuuu uuuu uuuu uuuu
IC2CON
0146
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC3BUF
0148
Input 3 Capture Register
uuuu uuuu uuuu uuuu
IC3CON
014A
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC4BUF
014C
Input 4 Capture Register
uuuu uuuu uuuu uuuu
IC4CON
014E
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC5BUF
0150
Input 5 Capture Register
uuuu uuuu uuuu uuuu
IC5CON
0152
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC6BUF
0154
Input 6 Capture Register
uuuu uuuu uuuu uuuu
IC6CON
0156
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC7BUF
0158
Input 7 Capture Register
uuuu uuuu uuuu uuuu
IC7CON
015A
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
IC8BUF
015C
Input 8 Capture Register
uuuu uuuu uuuu uuuu
IC8CON
015E
—
—ICSIDL
—
—
—
—
—
ICTMR
ICI<1:0>
ICOV
ICBNE
ICM<2:0>
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com