| Electronic Components Datasheet Search |
|
DSPIC30F5015 Datasheet(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F5015 Datasheet(HTML) 91 Page - Microchip Technology |
|
91 / 234 page ![]() © 2011 Microchip Technology Inc. DS70149E-page 91 dsPIC30F5015/5016 14.0 QUADRATURE ENCODER INTERFACE (QEI) MODULE This section describes the Quadrature Encoder Inter- face (QEI) module and associated operational modes. The QEI module provides the interface to incremental encoders for obtaining mechanical position data. The operational features of the QEI include: • Three input channels for two phase signals and index pulse • 16-bit up/down position counter • Count direction status • Position Measurement (x2 and x4) mode • Programmable digital noise filters on inputs • Alternate 16-bit Timer/Counter mode • Quadrature Encoder Interface interrupts FIGURE 14-1: QUADRATURE ENCODER INTERFACE BLOCK DIAGRAM Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). For more information on the device instruction set and programming, refer to the “16-bit MCU and DSC Programmer’s Reference Manual” (DS70157). 16-bit Up/Down Counter Comparator/ Max Count Register Quadrature Programmable Digital Filter QEA Programmable Digital Filter INDX 1 Up/Down Existing Pin Logic UPDN 3 Encoder Programmable Digital Filter QEB Interface Logic QEIM<2:0> Mode Select 3 (POSCNT) (MAXCNT) PCDOUT QEIIF Event Flag Reset Equal 2 TCY 1 0 TQCS TQCKPS<1:0> 2 1, 8, 64, 256 Prescaler Q Q D CK TQGATE QEIM<2:0> Synchronize Det 1 0 Sleep Input 0 1 UDSRC QEICON<11> Zero Detect 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |