Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F5015 Datasheet(PDF) 154 Page - Microchip Technology

Part # DSPIC30F5015
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F5015 Datasheet(HTML) 154 Page - Microchip Technology

Back Button DSPIC30F5015 Datasheet HTML 150Page - Microchip Technology DSPIC30F5015 Datasheet HTML 151Page - Microchip Technology DSPIC30F5015 Datasheet HTML 152Page - Microchip Technology DSPIC30F5015 Datasheet HTML 153Page - Microchip Technology DSPIC30F5015 Datasheet HTML 154Page - Microchip Technology DSPIC30F5015 Datasheet HTML 155Page - Microchip Technology DSPIC30F5015 Datasheet HTML 156Page - Microchip Technology DSPIC30F5015 Datasheet HTML 157Page - Microchip Technology DSPIC30F5015 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 234 page
background image
dsPIC30F5015/5016
DS70149E-page 154
© 2011 Microchip Technology Inc.
21.2
Oscillator Configurations
21.2.1
INITIAL CLOCK SOURCE
SELECTION
While coming out of Power-on Reset or Brown-out
Reset, the device selects its clock source based on:
• FOS<2:0> Configuration bits that select one of
four oscillator groups.
• AND FPR<4:0> Configuration bits that select one
of 16 oscillator choices within the primary group.
The selection is as shown in Table 21-2.
TABLE 21-2:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
Oscillator Mode
Oscillator
Source
FOS<2:0>
FPR<4:0>
OSC2 Function
ECIO w/PLL 4x
PLL
11101101
I/O
ECIO w/PLL 8x
PLL
11101110
I/O
ECIO w/PLL 16x
PLL
11101111
I/O
FRC w/PLL 4x
PLL
11100001
I/O
FRC w/PLL 8x
PLL
11101010
I/O
FRC w/PLL 16x
PLL
11100011
I/O
XT w/PLL 4x
PLL
11100101
OSC2
XT w/PLL 8x
PLL
11100110
OSC2
XT w/PLL 16x
PLL
11100111
OSC2
HS/2 w/PLL 4x
PLL
11110001
OSC2
HS/2 w/PLL 8x
PLL
11110010
OSC2
HS/2 w/PLL 16x
PLL
11110011
OSC2
HS/3 w/PLL 4x
PLL
11110101
OSC2
HS/3 w/PLL 8x
PLL
11110110
OSC2
HS/3 w/PLL 16x
PLL
11110111
OSC2
ECIO
External
01101100
I/O
XT
External
01100100
OSC2
HS
External
01100010
OSC2
EC
External
01101011
CLKO
ERC
External
01101001
CLKO
ERCIO
External
01101000
I/O
XTL
External
01100000
OSC2
LP
Secondary
000xxxxx
(Note 1, 2)
FRC
Internal FRC
001xxxxx
(Note 1, 2)
LPRC
Internal LPRC
010xxxxx
(Note 1, 2)
Note 1:
OSC2 pin function is determined by FPR<4:0>.
2:
OSC1 pin cannot be used as an I/O pin even if the secondary oscillator or an internal clock source is
selected at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com