Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM63P-K Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM63P-K
Description  Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM63P-K Datasheet(HTML) 1 Page - Texas Instruments

  PCM63P-K Datasheet HTML 1Page - Texas Instruments PCM63P-K Datasheet HTML 2Page - Texas Instruments PCM63P-K Datasheet HTML 3Page - Texas Instruments PCM63P-K Datasheet HTML 4Page - Texas Instruments PCM63P-K Datasheet HTML 5Page - Texas Instruments PCM63P-K Datasheet HTML 6Page - Texas Instruments PCM63P-K Datasheet HTML 7Page - Texas Instruments PCM63P-K Datasheet HTML 8Page - Texas Instruments PCM63P-K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
PCM63P
PCM63P
FEATURES
q COLINEAR 20-BIT AUDIO DAC
q NEAR-IDEAL LOW LEVEL OPERATION
q GLITCH-FREE OUTPUT
q ULTRA LOW –96dB max THD+N
(Without External Adjustment)
q 116dB SNR min (A-Weight Method)
q INDUSTRY STD SERIAL INPUT FORMAT
q FAST (200ns) CURRENT OUTPUT
(
±2mA; ±2% max)
q CAPABLE OF 16x OVERSAMPLING
q COMPLETE WITH REFERENCE
DESCRIPTION
The PCM63P is a precision 20-bit digital-to-analog
converter with ultra-low distortion (–96dB max with a
full scale output; PCM63P-K). Incorporated into the
PCM63P is a unique Colinear dual-DAC per channel
architecture that eliminates unwanted glitches and
other nonlinearities around bipolar zero. The PCM63P
also features a very low noise (116dB max SNR;
A-weighted method) and fast settling current output
(200ns typ, 2mA step) which is capable of 16-times
oversampling rates.
Applications include very low distortion frequency
synthesis and high-end consumer and professional
digital audio applications.
Colinear ™, Burr-Brown Corp.
Colinear ™ 20-Bit Monolithic Audio
DIGITAL-TO-ANALOG CONVERTER
®
19-Bit
Upper
DAC
19-Bit
Lower
DAC
Upper DAC
Positive
Data Latches
Lower DAC
Negative
Data Latches
Input Shift
Register
and
Control
Logic
Buried
Zener
Reference
Servo
Amp
Ref
Amp
PCM63P
20-Bit DAC
9
10
6
R
R
I
FEEDBACK
FEEDBACK
OUT
5
4
Bipolar Offset Current
Offset Decouple
25
7
12
Analog
Common
Digital
Common
31
Reference
Decouple
Servo
Decouple
18
20
21
Clock
Latch Enable
Data
23
24
Upper
B2 Adj
28
11
–5V
Analog
213
+5V
Analog
Lower
B2 Adj
–5V
Digital
+5V
Digital
Colinear
Potentiometer
Voltage
DEMO BOARD
AVAILABLE
See Appendix A
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
PCM63P
© 1990 Burr-Brown Corporation
PDS-1083F
Printed in U.S.A. January, 1998
SBAS006


Similar Part No. - PCM63P-K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM63P-K BURR-BROWN-PCM63P-K Datasheet
254Kb / 10P
Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM63P-K TI1-PCM63P-K Datasheet
250Kb / 11P
DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM63P-K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
20-BIT ANALOG-TO-DIGITAL CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM63P BURR-BROWN-PCM63P Datasheet
254Kb / 10P
Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
20-Bit, Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com