Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM63P-K Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM63P-K
Description  Colinear 20-Bit Monolithic Audio IGITAL-TO-ANALOG CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM63P-K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM63P-K Datasheet HTML 3Page - Texas Instruments PCM63P-K Datasheet HTML 4Page - Texas Instruments PCM63P-K Datasheet HTML 5Page - Texas Instruments PCM63P-K Datasheet HTML 6Page - Texas Instruments PCM63P-K Datasheet HTML 7Page - Texas Instruments PCM63P-K Datasheet HTML 8Page - Texas Instruments PCM63P-K Datasheet HTML 9Page - Texas Instruments PCM63P-K Datasheet HTML 10Page - Texas Instruments PCM63P-K Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
PCM63P
for both if no immediate improvement were noted). This
procedure would require the generation of the digital bit-2
major carry code to the input of the PCM63P and a DVM or
oscilloscope capable of reading the output voltage for a one
LSB step (5.72
µV) in addition to a distortion analyzer.
A more practical approach would be to forego the minor
correction for the bit-2 major carry adjustment and only
adjust for upper and lower DAC gain matching. The prob-
lem is that just by connecting the MSB circuitry to the
PCM63P, the odds are that the upper and lower bit-2 weights
would be greatly changed from their unadjusted states and
thereby adversely affect the desired gain adjustment. Just
centering the 100k
Ω potentiometers would not necessarily
provide the correct starting point. To guarantee that each
100k
Ω potentiometer would be set to the correct starting or
null point (no current into or out of the MSB adjust pins), the
voltage drop across each corresponding 330k
Ω resistor would
have to measure 0V. A voltage drop of
±1.25mV across
either 330k
Ω resistor would correspond to a ±1LSB change
in the null point from its unadjusted state (1LSB in current
or 3.81nA x 330k
Ω = 1.26mV). Once these starting points
for each potentiometer had been set, each potentiometer
would then be adjusted equally, in opposite directions, to
achieve the lowest full-scale THD+N possible. If no imme-
diate improvement were noted, the direction of rotation for
both potentiometers would be reversed. One direction of
potentiometer counter-rotations would only make the gain
mismatch and resulting THD+N worse, while the opposite
would gradually improve and then worsen the THD+N after
passing through a no mismatch point. The determination of
the correct starting direction would be arbitrary. This proce-
dure still requires a good DVM in addition to a distortion
analyzer.
Each user will have to determine if a small improvement in
full-scale THD+N for their application is worth the expense
of performing a proper MSB adjustment.
APPLICATIONS
The most common application for the PCM63P is in high-
performance and professional digital audio playback, such
as in CD and DAT players. The circuit in Figure 6 shows the
PCM63P in a typical combination with a digital interface
format receiver chip (Yamaha YM3623), an 8x interpolating
digital filter (Burr-Brown DF1700P), and two third-order
low-pass anti-imaging filters (implemented using Burr-Brown
OPA2604APs).
Using an 8x digital filter increases the number of samples to
the DAC by a factor of 8, thereby reducing the need for a
higher order reconstruction or anti-imaging analog filter on
the DAC output. An analog filter can now be constructed
using a simple phase-linear GIC (generalized immittance
converter) architecture. Excellent sonic performance is
achieved using a digital filter in the design, while reducing
overall circuit complexity at the same time.
Because of its superior low-level performance, the PCM63P
is also ideally suited for other high-performance applications
such as direct digital synthesis (DDS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com