Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7528CPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7528CPWR
Description  DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7528CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC7528CPWR Datasheet HTML 7Page - Texas Instruments TLC7528CPWR Datasheet HTML 8Page - Texas Instruments TLC7528CPWR Datasheet HTML 9Page - Texas Instruments TLC7528CPWR Datasheet HTML 10Page - Texas Instruments TLC7528CPWR Datasheet HTML 11Page - Texas Instruments TLC7528CPWR Datasheet HTML 12Page - Texas Instruments TLC7528CPWR Datasheet HTML 13Page - Texas Instruments TLC7528CPWR Datasheet HTML 14Page - Texas Instruments TLC7528CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8BIT MULTIPLYING
DIGITALTOANALOG CONVERTERS
SLAS062E − JANUARY 1987 − REVISED NOVEMBER 2008
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
REFB
19
RFBB
OUTB
AGND
TLC7528
REFA
DB0 − DB7
CS
WR
DACA / DACB
DGND
Vref
Data Inputs
4
5
18
6
16
15
14 − 7
Test Input
0 to −Vref
RFBA
3
VDD
17
OUTA
2
1
20
PASS / FAIL Output
1 k
Ω
VCC
DACB
DACA
8
Figure 8. Digitally-Programmable Window Comparator (Upper- and Lower-Limit Tester)
digitally-controlled signal attenuator
Figure 9 shows a TLC7528 configured as a two-channel programmable attenuator. Applications include stereo
audio and telephone signal level control. Table 3 shows input codes vs attenuation for a 0dB to 15.5dB range.
Output
A1
A2
VOB
VDD
TLC7528
DGND
AGND
REFB
DACA / DACB
WR
CS
DB0 − DB7
OUTA
RFBA
REFA
RFBB
OUTB
Data Bus
3
2
15
16
6
18
1
5
19
17
4
20
DACA
DACB
Attenuation dB = − 20 log10 D/256, D = digital input code
8
14 − 7
VIA
Figure 9. Digitally Controlled Dual Telephone Attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com