Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7528CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7528CPWR
Description  DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7528CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC7528CPWR Datasheet HTML 8Page - Texas Instruments TLC7528CPWR Datasheet HTML 9Page - Texas Instruments TLC7528CPWR Datasheet HTML 10Page - Texas Instruments TLC7528CPWR Datasheet HTML 11Page - Texas Instruments TLC7528CPWR Datasheet HTML 12Page - Texas Instruments TLC7528CPWR Datasheet HTML 13Page - Texas Instruments TLC7528CPWR Datasheet HTML 14Page - Texas Instruments TLC7528CPWR Datasheet HTML 15Page - Texas Instruments TLC7528CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TLC7528C, TLC7528E, TLC7528I
DUAL 8BIT MULTIPLYING
DIGITALTOANALOG CONVERTERS
SLAS062E − JANUARY 1987 − REVISED NOVEMBER 2008
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 3. Attenuation vs DACA, DACB Code
ATTEN (dB)
DAC INPUT CODE
CODE IN
DECIMAL
ATTN (dB)
DAC INPUT CODE
CODE IN
DECIMAL
0
1 1 1 1 1 1 1 1
255
8.0
0 1 1 0 0 1 1 0
102
0.5
1 1 1 1 0 0 1 0
242
8.5
0 1 1 0 0 0 0 0
96
1.0
1 1 1 0 0 1 0 0
228
9.0
0 1 0 1 1 0 1 1
91
1.5
1 1 0 1 0 1 1 1
215
9.5
0 1 0 1 0 1 1 0
86
2.0
1 1 0 0 1 0 1 1
203
10.0
0 1 0 1 0 0 0 1
81
2.5
1 1 0 0 0 0 0 0
192
10.5
0 1 0 0 1 1 0 0
76
3.0
1 0 1 1 0 1 0 1
181
11.0
0 1 0 0 1 0 0 0
72
3.5
1 0 1 0 1 0 1 1
171
11.5
0 1 0 0 0 1 0 0
68
4.0
1 0 1 0 0 0 1 0
162
12.0
0 1 0 0 0 0 0 0
64
4.5
1 0 0 1 1 0 0 0
152
12.5
0 0 1 1 1 1 0 1
61
5.0
1 0 0 1 1 1 1 1
144
13.0
0 0 1 1 1 0 0 1
57
5.5
1 0 0 0 1 0 0 0
136
13.5
0 0 1 1 0 1 1 0
54
6.0
1 0 0 0 0 0 0 0
128
14.0
0 0 1 1 0 0 1 1
51
6.5
0 1 1 1 1 0 0 1
121
14.5
0 0 1 1 0 0 0 0
48
7.0
0 1 1 1 0 0 1 0
114
15.0
0 0 1 0 1 1 1 0
46
7.5
0 1 1 0 1 1 0 0
108
15.5
0 0 1 0 1 0 1 1
43
programmable state-variable filter
This programmable state-variable or universal filter configuration provides low-pass, high-pass, and bandpass
outputs, and is suitable for applications requiring microprocessor control of filter parameters.
As shown in Figure 10, DACA1 and DACB1 control the gain and Q of the filter while DACA2 and DACB2 control
the cutoff frequency. Both halves of the DACA2 and DACB2 must track accurately in order for the
cutoff-frequency equation to be true. With the TLC7528, this validity is easy to achieve.
fc +
1
2
p R1C1
The programmable range for the cutoff or center frequency is 0kHz to 15kHz with a Q ranging from 0.3 to 4.5.
This parameter defines the limits of the component values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com