Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2081IP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081IP
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2081IP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLE2081IP Datasheet HTML 41Page - Texas Instruments TLE2081IP Datasheet HTML 42Page - Texas Instruments TLE2081IP Datasheet HTML 43Page - Texas Instruments TLE2081IP Datasheet HTML 44Page - Texas Instruments TLE2081IP Datasheet HTML 45Page - Texas Instruments TLE2081IP Datasheet HTML 46Page - Texas Instruments TLE2081IP Datasheet HTML 47Page - Texas Instruments TLE2081IP Datasheet HTML 48Page - Texas Instruments TLE2081IP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6, 7, 8
αVIO
Input offset voltage temperature coefficient
Distribution
9, 10, 11
IIO
Input offset current
vs Free-air temperature
12 – 15
IIB
Input bias current
vs Free-air temperature
12 – 15
IIB
Input bias current
vs Supply voltage
16
VICR
Common-mode input voltage range
vs Free-air temperature
17
VID
Differential input voltage
vs Output voltage
18, 19
vs Output current
20, 21
VOM +
Maximum positive peak output voltage
vs Free-air temperature
,
24, 25
OM +
g
vs Supply voltage
26
vs Output current
22, 23
VOM –
Maximum negative peak output voltage
vs Free-air temperature
,
24, 25
OM
gg
vs Supply voltage
26
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
27
VO
Output voltage
vs Settling time
28
AVD
Large signal differential voltage amplification
vs Load resistance
29
AVD
Large-signal differential voltage amplification
vs Free-air temperature
30, 31
AVD
Small-signal differential voltage amplification
vs Frequency
32, 33
CMRR
Common mode rejection ratio
vs Frequency
34
CMRR
Common-mode rejection ratio
qy
vs Free-air temperature
35
kSVR
Supply voltage rejection ratio
vs Frequency
36
kSVR
Supply-voltage rejection ratio
qy
vs Free-air temperature
37
vs Supply voltage
38, 39, 40
ICC
Supply current
yg
vs Free-air temperature
,,
41, 42, 43
CC
y
vs Differential input voltage
44 – 49
vs Supply voltage
50
IOS
Short-circuit output current
yg
vs Elapsed time
51
OS
vs Free-air temperature
52
vs Free-air temperature
53, 54
SR
Slew rate
vs Load resistance
,
55
vs Differential input voltage
56
Vn
Equivalent input noise voltage
vs Frequency
57
V
Input referred noise voltage
vs Noise bandwidth frequency
58
Vn
Input-referred noise voltage
qy
Over a 10-second time interval
59
Third-octave spectral noise density
vs Frequency bands
60
THD + N
Total harmonic distortion plus noise
vs Frequency
61, 62
B1
Unity-gain bandwidth
vs Load capacitance
63
Gain bandwidth product
vs Free-air temperature
64
Gain-bandwidth product
vs Supply voltage
65
Gain margin
vs Load capacitance
66
vs Free-air temperature
67
φm
Phase margin
vs Supply voltage
68
m
g
vs Load capacitance
69
Phase shift
vs Frequency
32, 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com