Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2081IP Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081IP
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2081IP Datasheet(HTML) 50 Page - Texas Instruments

Back Button TLE2081IP Datasheet HTML 46Page - Texas Instruments TLE2081IP Datasheet HTML 47Page - Texas Instruments TLE2081IP Datasheet HTML 48Page - Texas Instruments TLE2081IP Datasheet HTML 49Page - Texas Instruments TLE2081IP Datasheet HTML 50Page - Texas Instruments TLE2081IP Datasheet HTML 51Page - Texas Instruments TLE2081IP Datasheet HTML 52Page - Texas Instruments TLE2081IP Datasheet HTML 53Page - Texas Instruments TLE2081IP Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 20
7.5
6
3
1.5
0
13.5
4.5
0
– 5 –10 –15 – 20 – 25 – 30
10.5
9
12
15
– 35 – 40 – 45 – 50
TA = 25°C
TA = 125°C
TA = 85°C
IO – Output Current – mA
VCC
± = ±15 V
TA = – 55°C
TLE2081 AND TLE2082
MAXIMUM POSITIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 21
6
3
0
0
– 10
– 20
– 30
9
12
15
– 40
– 50
TA = 25°C
TA = 125°C
TA = 85°C
IO – Output Current – mA
VCC
± = ±15 V
TLE2084
MAXIMUM POSITIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 22
–7.5
– 6
– 3
–1.5
0
–13.5
– 4.5
0
5
10
15
20
25
30
–10.5
– 9
–12
–15
35
40
45
50
TA = 25°C
TA = 125°C
TA = – 55°C
VCC
± = ±15 V
TA = 85°C
IO – Output Current – mA
TLE2081 AND TLE2082
MAXIMUM NEGATIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 23
– 6
– 3
0
010
20
30
– 9
–12
–15
40
50
TA = 25°C
TA = 125°C
TA = – 55°C
VCC
± = ±15 V
TA = 85°C
IO – Output Current – mA
TLE2084
MAXIMUM NEGATIVE PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com