Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC253SPD Datasheet(PDF) 1 Page - Texas Instruments

Part # TC253SPD
Description  680 X 500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD Datasheet(HTML) 1 Page - Texas Instruments

  TC253SPD Datasheet HTML 1Page - Texas Instruments TC253SPD Datasheet HTML 2Page - Texas Instruments TC253SPD Datasheet HTML 3Page - Texas Instruments TC253SPD Datasheet HTML 4Page - Texas Instruments TC253SPD Datasheet HTML 5Page - Texas Instruments TC253SPD Datasheet HTML 6Page - Texas Instruments TC253SPD Datasheet HTML 7Page - Texas Instruments TC253SPD Datasheet HTML 8Page - Texas Instruments TC253SPD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Very Low Noise, High Sensitivity,
Electronically Variable
D High Resolution, 1/3-in Format, Solid State
Charge-Coupled Device (CCD) Frame
Transfer Image Sensor for Black and White
National Television and Standard
Committee (NTSC) and Computer
Applications
D 340,000 Pixels per Field
D Frame Memory
D 656 (H) × 496 (V) Active Pixels in Image
Sensing Area Compatible With Electronic
Centering
D Multimode Readout Capability
– Progressive Scan
– Interlace Scan
– Line Summing
D Fast Single-Pulse Clear Capability
D Continuous Electronic Exposure Control
from 1/60 s to 1/5,000 s
D 7.4 µm Square Pixels
D Advanced Lateral Overflow Drain
D Low Dark Current
D Solid State Reliability With No Image
Burn-In, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
D High Photoresponse Uniformity from
Deep Ultraviolet (DUV) to Near Infrared
(NIR)
description
The TC253SPD device is a frame-transfer, CCD image sensor designed for use in black and white NTSC TV,
computer, and special-purpose applications that require high sensitivity, low noise, and small size.
The TC253SPD sensor is a new device of the IMPACTRON
t family of very low noise, high sensitivity image
sensors that multiply charge directly in the charge domain before conversion to voltage. The charge carrier
multiplication (CCM) is achieved by using a low-noise, single-carrier, impact ionization process that occurs
during repeated carrier transfers through high field regions. Applying multiplication pulses to specially designed
gates activates the CCM. The amount of multiplication is adjustable, depending on the amplitude of the
multiplication pulses. The device function resembles the function of image intensifiers implemented in solid
state.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to VSS. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUT to VSS during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
ADVANCE INFORMATION concerns new products in the sampling or
preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.
IMPACTRON is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
1
2
3
4
5
67
8
9
10
11
12
DUAL-IN-LINE PACKAGE
(TOP VIEW)
ODB
IAG2
SAG2
SRG1
SRG2
CMG
NC
IAG1
SAG1
SUB
ADB
Vout


Similar Part No. - TC253SPD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC253SPD-B0 TI-TC253SPD-B0 Datasheet
367Kb / 23P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
More results

Similar Description - TC253SPD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC253SPD-B0 TI-TC253SPD-B0 Datasheet
367Kb / 23P
680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC25SPD TI-TC25SPD Datasheet
255Kb / 19P
680 X 500 PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
680-횞500-PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
680-횞500-PIXEL CCD IMAGE SENSOR
TC246CYM-B0 TI-TC246CYM-B0 Datasheet
486Kb / 27P
680 x 500 PIXEL IMPACTRONTM COMPLEMENTARY COLOR CCD IMAGE SENSOR
TC246 TI1-TC246 Datasheet
1Mb / 30P
680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com