Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC253SPD Datasheet(PDF) 11 Page - Texas Instruments

Part # TC253SPD
Description  680 X 500 PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC253SPD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TC253SPD Datasheet HTML 7Page - Texas Instruments TC253SPD Datasheet HTML 8Page - Texas Instruments TC253SPD Datasheet HTML 9Page - Texas Instruments TC253SPD Datasheet HTML 10Page - Texas Instruments TC253SPD Datasheet HTML 11Page - Texas Instruments TC253SPD Datasheet HTML 12Page - Texas Instruments TC253SPD Datasheet HTML 13Page - Texas Instruments TC253SPD Datasheet HTML 14Page - Texas Instruments TC253SPD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 40°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity with typical CCM gain (see Note 8)
No IR filter
240
V/Lux
Sensitivity with typical CCM gain (see Note 8)
With IR filter
33
V/Lux
Sensiti it
itho t CCM gain (see Note 8)
No IR filter
8
V/L
Sensitivity without CCM gain (see Note 8)
With IR filter
1.1
V/Lux
Vsat
Saturation signal output no CCM gain (see Note 9)
260
mV
Vsat
Saturation signal output with typical CCM gain (see Note 9)
440
mV
Voff
Zero input offset output (see Note 10)
200
mV
Blooming overload ratio (see Note 11)
1000:1
Image area well capacity
26k
Smear (see Note 12)
66
dB
Dark current (see Note 13)
0.15
0.90
nA/cm2
Dark signal (see Note 14)
0.08
0.50
mV
Dark-signal uniformity (see Note 15)
0.3
mV
Dark-signal shading (see Note 16)
0.4
mV
Spurious nonuniformity
Dark
0.8
mV
Spurious nonuniformity
Illuminated
–20%
20%
Column uniformity (see Note 17)
0.2
mV
Electronic-shutter capability
1/5000
1/60
s
NOTES:
8. Light source temperature is 2856
°K. The IR filter used is CM500 1 mm thick.
9. Saturation is the condition in which further increase in exposure does not lead to further increases in output signal.
10. Zero-input offset is the residual output signal measured from the reset level with no input charge present. This level is not caused
by the dark current and remains approximately constant, independent of temperature. This level can vary with the amplitude of
SRG2.
11. Blooming is the condition in which charge induced by light in one element spills over to the neighboring elements.
12. Smear is the measure of error signal introduced into the pixels by transferring them through the illuminated region into the memory.
The illuminated region is 1/10 of the image area height. The value in the table is obtained for the integration time of 16.66 ms and
3.125 MHz vertical clock transfer frequency.
13. Dark current depends on temperature and approximately doubles every 8
°C. Dark current is also multiplied by the CCM operation.
The value given in the table is with the multiplier turned off, and it is a calculated value.
14. Dark signal is actual device output measured in darkness.
15. Dark signal uniformity is the sigma of difference of two neighboring pixels taken from all the image area pixels.
16. Dark signal shading is the difference between maximum and minimum of a 5-pixel median taken anywhere in the array.
17. Column uniformity is obtained by summing all the lines in the array, finding the maximum of the difference of two neighboring columns
anywhere in the array, and dividing the result by the number of lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com