Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6655 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6655
Description  High Efficiency 400mA Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6655 Datasheet HTML 8Page - Sipex Corporation SP6655 Datasheet HTML 9Page - Sipex Corporation SP6655 Datasheet HTML 10Page - Sipex Corporation SP6655 Datasheet HTML 11Page - Sipex Corporation SP6655 Datasheet HTML 12Page - Sipex Corporation SP6655 Datasheet HTML 13Page - Sipex Corporation SP6655 Datasheet HTML 14Page - Sipex Corporation SP6655 Datasheet HTML 15Page - Sipex Corporation SP6655 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Date: 09/27/05
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
SP6655 Component Sample Layout
SP6655 PC Layout Top Side
SP6655 PC Layout Bottom Side
rules should be followed. Refer to the typical
application schematic on page 1 and the sample
PCB layout shown in the following figures to
illustrate how to layout a SP6655 power supply.
Avoid injecting noise into the sensitive part of
circuit via the ground plane. Input and output
capacitors conduct high frequency current through
the ground plane. Separate the control and power
grounds and connect them together at a single
point. Power ground plane is shown in the figure
titled PCB top sample layout and connects the
ground of the COUT capacitor to the ground of the
CIN capacitor and then to the PGND pin 10. The
control ground plane connects from pin 9 GND to
ground of the CVIN capacitor and the RI ground
return of the feedback resistor. These two separate
control and power ground planes come together in
the figure titled PCB top sample layout where
SP6655 pin 9 GND is connected to pin 10 PGND.
Power loops on the input and output of the con-
verter should be laid out with the shortest and
widest traces possible. The longer and narrower
the trace, the higher the resistance and inductance
it will have. The length of traces in series with the
capacitors increases its ESR and ESL and reduces
their effectiveness at high frequencies. Therefore,
put the 1
µF bypass capacitor as close to the VINand
GND pins of the converter as possible, the 10
µF
CIN close to the PVIN pin and the 10µF output
capacitor as close to the inductor as possible. The
external voltage feedback network RF, RI and
feedforward capacitor CF should be placed very
close to the FB pin. Any noise traces like the LX
pin should be kept away from the voltage feedback
network and separated from it by using power
ground copper to minimize EMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com