Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1725708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1725708
Description  Module no:1725656 LabelId:1725656 Operator: Phoenix
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1725708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1725708 Datasheet HTML 1Page - PHOENIX CONTACT 1725708 Datasheet HTML 2Page - PHOENIX CONTACT 1725708 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Module no:1725656 LabelId:1725656 Operator:Phoenix
16:17:56, Donnerstag, 28. Juni 2001
Nominal current / cross section
Maximum load current / cross
section
Connection capacity
solid / stranded / conductor sizes
stranded with ferrules without /
with plastic collar
Multiple connection (2 conductors with same cross section)
solid / stranded
Stripping length
Thread
Torque
Insulation material
Inflammability class acc. to UL 94
Temperature indices RTI/Ti
Approval data (UL and CSA)
Nominal voltage / current /
conductor sizes
CSA: [V] / [A] / AWG
[mm
2]/[mm2]/AWG
UL: [V] / [A] / AWG
[A]/[mm
2]
[A]/[mm
2]
[mm
2]
[mm
2]
[mm]
–
[Nm]
6 / 0.5
0.14 - 0.5 / 0.14 - 0.5 / 26 - 20
0.25 - 0.34 / 0.25 - 0.34
0.14 - 0.34 / 0.14 - 0.34
0.12-0.15
130 / 120
125 / 6 / 30-20
125 / 6 / 28-20
4.5
M 1.6
PA
V0
* see drilling diagram
Articles printed in bold can be delivered at short notice.
Products with black or gray housing available on request.
Dimensional drawing
"MPT 0,5/...-2,54; 2 - 3 positions"
Drilling diagram
"MPT 0,5/...-2,54; 4 - 12 positions"
Phoenix Contact Elektronischer Katalog
Page 2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com