Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1725708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1725708
Description  Module no:1725656 LabelId:1725656 Operator: Phoenix
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1725708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1725708 Datasheet HTML 1Page - PHOENIX CONTACT 1725708 Datasheet HTML 2Page - PHOENIX CONTACT 1725708 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Module no:1725656 LabelId:1725656 Operator:Phoenix
16:17:56, Donnerstag, 28. Juni 2001
MPT 0,5/...-2,54, 2 - 3 positions
Die 2- und 3-poligen Varianten besitzen einen zustzlichen
Haltestift zur Abst
tzung der mechanischen Belastung
Diagram
"MPT 0,5/...-2,54; 4 - 12 positions"
Current carrying capacity depending on the ambient temperature MPT 0,5/2-2,54
Phoenix Contact Elektronischer Katalog
Page 3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com