Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9554D
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9554D Datasheet HTML 1Page - NXP Semiconductors PCA9554D Datasheet HTML 2Page - NXP Semiconductors PCA9554D Datasheet HTML 3Page - NXP Semiconductors PCA9554D Datasheet HTML 4Page - NXP Semiconductors PCA9554D Datasheet HTML 5Page - NXP Semiconductors PCA9554D Datasheet HTML 6Page - NXP Semiconductors PCA9554D Datasheet HTML 7Page - NXP Semiconductors PCA9554D Datasheet HTML 8Page - NXP Semiconductors PCA9554D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
2 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
AEC-Q100 compliance available
Packages offered: SO16, SSOP16, SSOP20, TSSOP16, HVQFN16(2versions:
4
 4  0.85 mm and 3  3  0.85 mm), and bare die
3.
Ordering information
[1]
PCA9554PW/Q900 is AEC-Q100 compliant. Contact i2c.support@nxp.com for PPAP.
3.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA9554D
PCA9554D
SO16
plastic small outline package; 16 leads;
body width 7.5 mm
SOT162-1
PCA9554AD
PCA9554AD
PCA9554DB
9554DB
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
PCA9554ADB
9554A
PCA9554TS
PCA9554
SSOP20
plastic shrink small outline package; 20 leads;
body width 4.4 mm
SOT266-1
PCA9554ATS
PA9554A
PCA9554PW
9554DH
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9554PW/Q900[1]
9554DH
PCA9554APW
9554ADH
PCA9554BS
9554
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 4
 4  0.85 mm
SOT629-1
PCA9554ABS
554A
PCA9554BS3
P54
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
PCA9554ABS3
54A
PCA9554U
-
bare die
-
-
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
PCA9554D
PCA9554D,112
SO16
Standard marking *
IC’s tube - DSC bulk pack
1920
Tamb = 40 Cto+85 C
PCA9554D,118
SO16
Reel 13” Q1/T1
*standard mark SMD
1000
Tamb = 40 Cto+85 C
PCA9554AD
PCA9554AD,112
SO16
Standard marking *
IC’s tube - DSC bulk pack
1920
Tamb = 40 Cto+85 C
PCA9554AD,118
SO16
Reel 13” Q1/T1
*standard mark SMD
1000
Tamb = 40 Cto+85 C
PCA9554DB
PCA9554DB,112
SSOP16
Standard marking *
IC’s tube - DSC bulk pack
1092
Tamb = 40 Cto+85 C
PCA9554DB,118
SSOP16
Reel 13” Q1/T1
*standard mark SMD
2000
Tamb = 40 Cto+85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com