Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9554D
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9554D Datasheet HTML 4Page - NXP Semiconductors PCA9554D Datasheet HTML 5Page - NXP Semiconductors PCA9554D Datasheet HTML 6Page - NXP Semiconductors PCA9554D Datasheet HTML 7Page - NXP Semiconductors PCA9554D Datasheet HTML 8Page - NXP Semiconductors PCA9554D Datasheet HTML 9Page - NXP Semiconductors PCA9554D Datasheet HTML 10Page - NXP Semiconductors PCA9554D Datasheet HTML 11Page - NXP Semiconductors PCA9554D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
8 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
6.1.4 Register 2 - Polarity Inversion register
This register allows the user to invert the polarity of the Input Port register data. If a bit in
this register is set (written with ‘1’), the corresponding Input Port data is inverted. If a bit in
this register is cleared (written with a ‘0’), the Input Port data polarity is retained.
6.1.5 Register 3 - Configuration register
This register configures the directions of the I/O pins. If a bit in this register is set, the
corresponding port pin is enabled as an input with high-impedance output driver. If a bit in
this register is cleared, the corresponding port pin is enabled as an output. At reset, the
I/Os are configured as inputs with a weak pull-up to VDD.
6.2 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the
PCA9554/PCA9554A in a reset condition until VDD has reached VPOR. At that point, the
reset condition is released and the PCA9554/PCA9554A registers and state machine will
initialize to their default states. Thereafter, VDD must be lowered below 0.2 V to reset the
device.
For a power reset cycle, VDD must be lowered below 0.2 V and then restored to the
operating voltage.
Table 7.
Register 2 - Polarity Inversion register bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
N7
R/W
0*
inverts polarity of Input Port register data
0 = Input Port register data retained (default value)
1 = Input Port register data inverted
6N6
R/W
0*
5N5
R/W
0*
4N4
R/W
0*
3N3
R/W
0*
2N2
R/W
0*
1N1
R/W
0*
0N0
R/W
0*
Table 8.
Register 3 - Configuration register bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
C7
R/W
1*
configures the directions of the I/O pins
0 = corresponding port pin enabled as an output
1 = corresponding port pin configured as input
(default value)
6C6
R/W
1*
5C5
R/W
1*
4C4
R/W
1*
3C3
R/W
1*
2C2
R/W
1*
1C1
R/W
1*
0C0
R/W
1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com