Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554AD Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA9554AD
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554AD Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA9554AD Datasheet HTML 27Page - NXP Semiconductors PCA9554AD Datasheet HTML 28Page - NXP Semiconductors PCA9554AD Datasheet HTML 29Page - NXP Semiconductors PCA9554AD Datasheet HTML 30Page - NXP Semiconductors PCA9554AD Datasheet HTML 31Page - NXP Semiconductors PCA9554AD Datasheet HTML 32Page - NXP Semiconductors PCA9554AD Datasheet HTML 33Page - NXP Semiconductors PCA9554AD Datasheet HTML 34Page - NXP Semiconductors PCA9554AD Datasheet HTML 35Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
34 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
Bare die — All die are tested on compliance with their related technical
specifications as stated in this data sheet up to the point of wafer sawing and
are handled in accordance with the NXP Semiconductors storage and
transportation conditions. If there are data sheet limits not guaranteed, these
will be separately indicated in the data sheet. There are no post-packing tests
performed on individual die or wafers.
NXP Semiconductors has no control of third party procedures in the sawing,
handling, packing or assembly of the die. Accordingly, NXP Semiconductors
assumes no liability for device functionality or performance of the die or
systems after third party sawing, handling, packing or assembly of the die. It
is the responsibility of the customer to test and qualify their application in
which the die is used.
All die sales are conditioned upon and subject to the customer entering into a
written die sale agreement with NXP Semiconductors through its legal
department.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from competent authorities.
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor tested
in accordance with automotive testing or application requirements. NXP
Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
Translations — A non-English (translated) version of a document is for
reference only. The English version shall prevail in case of any discrepancy
between the translated and English versions.
17.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
I2C-bus — logo is a trademark of NXP B.V.
18. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com