Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9554AD
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554AD Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9554AD Datasheet HTML 1Page - NXP Semiconductors PCA9554AD Datasheet HTML 2Page - NXP Semiconductors PCA9554AD Datasheet HTML 3Page - NXP Semiconductors PCA9554AD Datasheet HTML 4Page - NXP Semiconductors PCA9554AD Datasheet HTML 5Page - NXP Semiconductors PCA9554AD Datasheet HTML 6Page - NXP Semiconductors PCA9554AD Datasheet HTML 7Page - NXP Semiconductors PCA9554AD Datasheet HTML 8Page - NXP Semiconductors PCA9554AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1.
General description
The PCA9554 and PCA9554A are 16-pin CMOS devices that provide 8 bits of General
Purpose parallel Input/Output (GPIO) expansion for I2C-bus/SMBus applications and
were developed to enhance the NXP Semiconductors family of I2C-bus I/O expanders.
The improvements include higher drive capability, 5 V I/O tolerance, lower supply current,
individual I/O configuration, 400 kHz clock frequency, and smaller packaging. I/O
expanders provide a simple solution when additional I/O is needed for ACPI power
switches, sensors, push buttons, LEDs, fans, and so on.
The PCA9554/PCA9554A consist of an 8-bit Configuration register (Input or Output
selection); 8-bit Input Port register, 8-bit Output Port register and an 8-bit Polarity
Inversion register (active HIGH or active LOW operation). The system master can enable
the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for
each input or output is kept in the corresponding Input Port or Output Port register. The
polarity of the read register can be inverted with the Polarity Inversion register. All
registers can be read by the system master. Although pin-to-pin and I2C-bus address
compatible with the PCF8574 series, software changes are required due to the
enhancements and are discussed in Application Note AN469.
The PCA9554/PCA9554A open-drain interrupt output is activated when any input state
differs from its corresponding Input Port register state and is used to indicate to the
system master that an input state has changed. The power-on reset sets the registers to
their default values and initializes the device state machine.
Three hardware pins (A0, A1, A2) vary the fixed I2C-bus address and allow up to eight
devices to share the same I2C-bus/SMBus. The PCA9554A is identical to the PCA9554
except that the fixed I2C-bus address is different allowing up to sixteen of these devices
(eight of each) on the same I2C-bus/SMBus.
2.
Features and benefits
Operating power supply voltage range of 2.3 V to 5.5 V
5 V tolerant I/Os
Polarity Inversion register
Active LOW interrupt output
Low standby current
Noise filter on SCL/SDA inputs
No glitch on power-up
Internal power-on reset
8 I/O pins which default to 8 inputs
0 Hz to 400 kHz clock frequency
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9 — 19 March 2013
Product data sheet


Similar Part No. - PCA9554AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554AD PHILIPS-PCA9554AD Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554AD NXP-PCA9554AD Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554ADB PHILIPS-PCA9554ADB Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Texas Instruments
PCA9554ADB TI-PCA9554ADB Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9554ADB NXP-PCA9554ADB Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results

Similar Description - PCA9554AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com