Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC14AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC14AD
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14AD Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC14AD Datasheet HTML 1Page - NXP Semiconductors 74LVC14AD Datasheet HTML 2Page - NXP Semiconductors 74LVC14AD Datasheet HTML 3Page - NXP Semiconductors 74LVC14AD Datasheet HTML 4Page - NXP Semiconductors 74LVC14AD Datasheet HTML 5Page - NXP Semiconductors 74LVC14AD Datasheet HTML 6Page - NXP Semiconductors 74LVC14AD Datasheet HTML 7Page - NXP Semiconductors 74LVC14AD Datasheet HTML 8Page - NXP Semiconductors 74LVC14AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
4 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
8.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation.
[4]
For SO14 packages: Ptot derates linearly with 8 mW/K above 70 C.
For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C.
9.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
VO
output voltage
[2][3]
0.5
VCC + 0.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
IOK
output clamping current
VO > VCC or VO < 0 V
-
50
mA
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[4] -500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
3.6
V
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
-
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com