Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC14AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC14AD
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14AD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC14AD Datasheet HTML 1Page - NXP Semiconductors 74LVC14AD Datasheet HTML 2Page - NXP Semiconductors 74LVC14AD Datasheet HTML 3Page - NXP Semiconductors 74LVC14AD Datasheet HTML 4Page - NXP Semiconductors 74LVC14AD Datasheet HTML 5Page - NXP Semiconductors 74LVC14AD Datasheet HTML 6Page - NXP Semiconductors 74LVC14AD Datasheet HTML 7Page - NXP Semiconductors 74LVC14AD Datasheet HTML 8Page - NXP Semiconductors 74LVC14AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
5 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
10. Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
11. Dynamic characteristics
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VOH
HIGH-level
output voltage
VI =VT+ or VT
IO = 100 A;
VCC = 1.65 V to 3.6 V
VCC  0.2
--VCC  0.3
-
V
IO = 4mA; VCC = 1.65 V
1.2
-
-
1.05
-
V
IO = 8mA; VCC = 2.3 V
1.8
-
-
1.65
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO = 18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO = 24 mA; VCC = 3.0 V
2.2
--2.0
-V
VOL
LOW-level
voltage output
VI =VT+ or VT
IO = 100 A; VCC = 1.65 V to 3.6 V
-
-
0.2
-
0.3
V
IO =4 mA; VCC = 1.65 V
-
-
0.45
-
0.65
V
IO =8 mA; VCC = 2.3 V
-
-
0.6
-
0.8
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V; VI = 5.5 V or GND
-
0.1
5-
20
A
ICC
supply current
VCC = 3.6 V; VI = VCC or GND;
IO =0 A
-0.1
10
-
40
A
I
CC
additional
supply current
per input pin; VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO = 0 A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V; VI = GND to VCC
-
4.0
--
-pF
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 6
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
6.1
12.7
1.0
14.7
ns
VCC = 2.3 V to 2.7 V
1.5
3.5
7.8
1.5
10.0
ns
VCC = 2.7 V
1.5
3.6
7.5
1.5
9.5
ns
VCC = 3.0 V to 3.6 V
1.0
3.2
6.4
1.0
8.0
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com