Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF5140AP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDF5140AP
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF5140AP Datasheet(HTML) 5 Page - NXP Semiconductors

  TDF5140AP Datasheet HTML 1Page - NXP Semiconductors TDF5140AP Datasheet HTML 2Page - NXP Semiconductors TDF5140AP Datasheet HTML 3Page - NXP Semiconductors TDF5140AP Datasheet HTML 4Page - NXP Semiconductors TDF5140AP Datasheet HTML 5Page - NXP Semiconductors TDF5140AP Datasheet HTML 6Page - NXP Semiconductors TDF5140AP Datasheet HTML 7Page - NXP Semiconductors TDF5140AP Datasheet HTML 8Page - NXP Semiconductors TDF5140AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
1999 March 15
5
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
FUNCTIONAL DESCRIPTION
The TDF5140A offers a sensorless three phase motor drive function. It is unique in its combination of sensorless motor
drive and full-wave drive. The TDF5140A offers protected outputs capable of handling high currents and can be used
with star or delta connected motors. It can easily be adapted for different motors and applications. The TDF5140A offers
the following features:
• Sensorless commutation by using the motor EMF.
• Built-in start-up circuit.
• Optimum commutation, independent of motor type or motor loading.
• Built-in flyback diodes.
• Three phase full-wave drive.
• High output current (0.8 A).
• Outputs protected by current limiting and thermal protection of each output transistor.
• Low current consumption by adaptive base-drive.
• Accurate frequency generator (FG) by using the motor EMF.
• Amplifier for external position generator (PG) signal.
• Suitable for use with a wide tolerance, external PG sensor.
• Built-in multiplexer that combines the internal FG and external PG signals on one pin for easy use with a controlling
microprocessor.
• Uncommitted operational transconductance amplifier (OTA), with a high output current, for use as a control amplifier.
Fig.2 Pin configuration
TDF5140A
MGH311
1
2
3
4
5
6
7
8
9
MOT1
TEST
MOT2
VMOT
PG IN
PG/FG
GND2
Vp
CAP-CD
GND1
MOT0
MOT3
AMP OUT
-AMP IN
+AMP IN
CAP-TI
CAP-ST
CAP-DC
18
17
16
15
14
13
12
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com