Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF5140AP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDF5140AP
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF5140AP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDF5140AP Datasheet HTML 2Page - NXP Semiconductors TDF5140AP Datasheet HTML 3Page - NXP Semiconductors TDF5140AP Datasheet HTML 4Page - NXP Semiconductors TDF5140AP Datasheet HTML 5Page - NXP Semiconductors TDF5140AP Datasheet HTML 6Page - NXP Semiconductors TDF5140AP Datasheet HTML 7Page - NXP Semiconductors TDF5140AP Datasheet HTML 8Page - NXP Semiconductors TDF5140AP Datasheet HTML 9Page - NXP Semiconductors TDF5140AP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1999 March 15
6
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Every pin withstands the ESD test in accordance with
“MIL-STD-883C class 2”. Method 3015 (HBM 1500
Ω, 100 pF)
3 pulses + and 3 pulses
− on each pin referenced to ground.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
18
V
VI
input voltage; all pins except
VMOT
VI < 18 V
−0.3
VP + 0.5
V
VVMOT
VMOT input voltage
−0.5
20
V
VO
output voltage
AMP OUT and PG/FG
GND
VP
V
MOT1, MOT2 and MOT3
−1VVMOT + VDHF V
VI
input voltage CAP-ST, CAP-TI,
CAP-CD and CAP-DC
−
2.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−30
+70
°C
Ptot
total power dissipation
see Fig. 3
−−
W
Ves
electrostatic handling
see “Handling”
−
500
V
Fig.3 Power derating curve (SOT102; DIL18).
P tot
(W)
50
3
2
0
0
200
MBD535
50
100
150
T
( C)
amb
o
2.28
1.05
70
30
2.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com