Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA117AM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 3Page - Texas Instruments INA117AM Datasheet HTML 4Page - Texas Instruments INA117AM Datasheet HTML 5Page - Texas Instruments INA117AM Datasheet HTML 6Page - Texas Instruments INA117AM Datasheet HTML 7Page - Texas Instruments INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments INA117AM Datasheet HTML 10Page - Texas Instruments INA117AM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
INA117
SBOS154A
7
MEASURING CURRENT
The INA117 can be used to measure a current by sensing the
voltage drop across a series resistor, RS. Figure 4 shows the
INA117 used to measure the supply currents of a device
under test. The circuit in Figure 5 measures the output
current of a power supply. If the power supply has a sense
connection, it can be connected to the output side of RS to
eliminate the voltage-drop error. Another common applica-
tion is current-to-voltage conversion, as shown in Figure 6.
FIGURE 4. Measuring Supply Currents of Device Under
Test.
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
47
2
3
81
5
V–
V+
V
2
V
3
V
O = V3 – V2
6
200
Ω
10
Ω
10
Ω
If offset adjust is also required,
connect to offset circuit, Figure 2.
CMR
Adjust
FIGURE 3. CMR Trim Circuit.
FIGURE 5. Measuring Power Supply Output Current.
380k
Ω
20k
Ω
380k
Ω
380k
Ω
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
47
2
3
81
5
6
R
S
R
C*
C
I
DUT+
I
DUT–
21.1k
Ω
20k
Ω
47
2
3
81
5
V–
V+
6
R
S
V–
V+
Device
Under
Test
–V
S
+V
S
*Not needed if R is less than 20
—see text.
Ω
S
(+200V max)
(–200V max)
V
O = RS IDUT+
V
O = RS IDUT–
R
C*
380k
Ω
380k
Ω
380k
Ω
20k
Ω
21.1k
Ω
47
2
3
81
5
6
R
S
R
C*
I
L
V–
V+
±200V max
Load
Power Supply
Out
Sense
*R
C = RS not needed if RS is less than 20Ω—see text.
Optional Load
Sense Connection
(see text)
V
O = IL RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com