Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA117AM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 4Page - Texas Instruments INA117AM Datasheet HTML 5Page - Texas Instruments INA117AM Datasheet HTML 6Page - Texas Instruments INA117AM Datasheet HTML 7Page - Texas Instruments INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments INA117AM Datasheet HTML 10Page - Texas Instruments INA117AM Datasheet HTML 11Page - Texas Instruments INA117AM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
INA117
SBOS154A
8
FIGURE 6. Current to Voltage Converter.
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
2
3
81
5
V
O = 1V to 5V
6
V
S
R
S
(±200V max)
4 to 20mA
*Not needed if R
S is less than 20Ω—see text.
250
Ω
R
C*
250
Ω
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
2
3
81
5
V
O = –1V to –5V
6
V
S
(±200V max)
4 to 20mA
*Not needed if R
S is less than 20Ω—see text.
R
S
250
Ω
R
C*
250
Ω
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
2
3
81
5
6
R
C*
V
O = 1V to 5V
V
S
*Not needed if R
S is less than 20Ω—see text.
250
Ω
4 to 20mA
(±200V max)
R
S
250
Ω
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
2
3
81
5
V
O = –1V to –5V
6
V
S
(±200V max)
4 to 20mA
*Not needed if R
S is less than 20Ω—see text.
R
S
250
Ω
R
C*
250
Ω
(a)
(c)
(b)
(d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com