Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC2336282 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # BFC2336282
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336282 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button BFC2336282 Datasheet HTML 6Page - Vishay Siliconix BFC2336282 Datasheet HTML 7Page - Vishay Siliconix BFC2336282 Datasheet HTML 8Page - Vishay Siliconix BFC2336282 Datasheet HTML 9Page - Vishay Siliconix BFC2336282 Datasheet HTML 10Page - Vishay Siliconix BFC2336282 Datasheet HTML 11Page - Vishay Siliconix BFC2336282 Datasheet HTML 12Page - Vishay Siliconix BFC2336282 Datasheet HTML 13Page - Vishay Siliconix BFC2336282 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
10
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
APPROVALS
MOUNTING
Normal Use
The capacitors are designed for mounting on printed -circuit boards.The capacitors packed in bandoliers are designed for
mounting in pinted-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to “Packaging
information”: www.vishay.com/docs/28139/packinfo.pdf.
Specific Method of Mounting to Withstand Vibration and Shock
In order to withstand vibration and shock tests,it must be insured that the stand-off pips are in good contact with the printed circuit
board:
• For pitches ≤ 15 mm capacitors shall be mechanically fixed by the leads
• For larger pitches the capacitors shall be mounted in the same way and the body clamped.
Space Requirements on Printed Circuit Board
The maximum length and width of film capacitors is shown in the figure:
• Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to lead diameter of the product concerned
• Product height with seating plane as given by “IEC 60717” as reference height: h
max. ≤ h + 0.3 mm or hmax. ≤ h’ + 0.3 mm
Storage Temperature
• Storage temperature: T
stg = - 25 to + 40 °C with RH maximum 80 % without condensation
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all elctrical values apply to an ambient temperature of 23 ± 1 °C, an atmospheric pressure of 86 kPa
to 106 kPa and a relative humidity of 50 ± 2 %.
For reference testing, a conditioning period shall be applied over 96 ± 4 hours by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
SAFETY APPROVALS X2
VOLTAGE
VALUE
FILE NUMBERS
EN 60384-14 ed 3 (ENEC)
(= IEC 60384-14 ed 3)
310 Vac
1 nF to 2.2 µF
FI 2008038
UL1414 and CSA-C22.2 No. 1
250 Vac
1 nF to 1 µF
E112471
UL1283
305 Vac
1 nF to 2.2 µF
E109565
CSA-E 384-14
310 Vac
1 nF to 2.2 µF
Pending
CQC
310 Vac
1 nF to 2.2 µF
CQC07001021280 (L)
CQC04001009254 (S)
CQC04001009262 (F)
CB Test Certificate
310 Vac
1 nF to 2.2 µF
FI 5123
The Enec-approval together with the CB-Certificate replace all national marks of the following countries (they have already signed the
ENEC-Agreement): Austria; Belgium; Czech. Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom.
16
®
C
US
CQC
bmax. =
b + 0.3 mm
lmax. =
l + 0.3 mm
CBA116
eccentricity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com