Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC2336282 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # BFC2336282
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336282 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button BFC2336282 Datasheet HTML 8Page - Vishay Siliconix BFC2336282 Datasheet HTML 9Page - Vishay Siliconix BFC2336282 Datasheet HTML 10Page - Vishay Siliconix BFC2336282 Datasheet HTML 11Page - Vishay Siliconix BFC2336282 Datasheet HTML 12Page - Vishay Siliconix BFC2336282 Datasheet HTML 13Page - Vishay Siliconix BFC2336282 Datasheet HTML 14Page - Vishay Siliconix BFC2336282 Datasheet HTML 15Page - Vishay Siliconix BFC2336282 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
12
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
Insulation resistance
APPLICATION NOTES
• For X2 electromagnetic interference suppression in standard across the line applications (50/60 Hz) with a maximum mains
voltage of 310 Vac
• For series impedance applications we refer to the application note www.vishay.com/docs/28153/anaccaps.pdf
• These capacitors are not intended for continuous pulse applications. For these situations, capacitors of the AC and pulse
programs must be used.
• The maximum ambient temperature must not exceed 110 °C (125 °C for less than 1000 h) for C ≤ 470 nF and 110 °C for
C > 470 nF
• Rated voltage pulse slope:
If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 Vdc and
divided by the applied voltage
INSPECTION REQUIREMENTS
GENERAL NOTES
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, IEC publication
IEC 60384-14 ed 3 and Specific Reference Data”.
Group C inspection requirements
10
6
10
5
10
4
0
20
40
60
80
100
Tamb (°C)
SUB-CLAUSE NUMBER AND
TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF
SAMPLE OF SUB-GROUP C1
4.1 Dimensions (detail)
As specified in chapters “General Data” of this
specification
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.3 Robustness of terminations
Tensile: Load 10 N; 10 s
Bending: Load 5 N; 4 x 90°
No visible damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com