Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE75 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP4CE75
Description  Cyclone IV FPGA Device Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE75 Datasheet(HTML) 2 Page - Altera Corporation

  EP4CE75 Datasheet HTML 1Page - Altera Corporation EP4CE75 Datasheet HTML 2Page - Altera Corporation EP4CE75 Datasheet HTML 3Page - Altera Corporation EP4CE75 Datasheet HTML 4Page - Altera Corporation EP4CE75 Datasheet HTML 5Page - Altera Corporation EP4CE75 Datasheet HTML 6Page - Altera Corporation EP4CE75 Datasheet HTML 7Page - Altera Corporation EP4CE75 Datasheet HTML 8Page - Altera Corporation EP4CE75 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1–2
Chapter 1: Cyclone IV FPGA Device Family Overview
Cyclone IV Device Family Features
Cyclone IV Device Handbook,
November 2011
Altera Corporation
Volume 1
■
Cyclone IV GX devices offer up to eight high-speed transceivers that provide:
■
Data rates up to 3.125 Gbps
■
8B/10B encoder/decoder
■
8-bit or 10-bit physical media attachment (PMA) to physical coding sublayer
(PCS) interface
■
Byte serializer/deserializer (SERDES)
■
Word aligner
■
Rate matching FIFO
■
TX bit slipper for Common Public Radio Interface (CPRI)
■
Electrical idle
■
Dynamic channel reconfiguration allowing you to change data rates and
protocols on-the-fly
■
Static equalization and pre-emphasis for superior signal integrity
■
150 mW per channel power consumption
■
Flexible clocking structure to support multiple protocols in a single transceiver
block
■
Cyclone IV GX devices offer dedicated hard IP for PCI Express (PIPE) (PCIe)
Gen 1:
■
×1, ×2, and ×4 lane configurations
■
End-point and root-port configurations
■
Up to 256-byte payload
■
One virtual channel
■
2 KB retry buffer
■
4 KB receiver (Rx) buffer
■
Cyclone IV GX devices offer a wide range of protocol support:
■
PCIe (PIPE) Gen 1 ×1, ×2, and ×4 (2.5 Gbps)
■
Gigabit Ethernet (1.25 Gbps)
■
CPRI (up to 3.072 Gbps)
■
XAUI (3.125 Gbps)
■
Triple rate serial digital interface (SDI) (up to 2.97 Gbps)
■
Serial RapidIO (3.125 Gbps)
■
Basic mode (up to 3.125 Gbps)
■
V-by-One (up to 3.0 Gbps)
■
DisplayPort (2.7 Gbps)
■
Serial Advanced Technology Attachment (SATA) (up to 3.0 Gbps)
■
OBSAI (up to 3.072 Gbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com