Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE75 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP4CE75
Description  Cyclone IV FPGA Device Family
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE75 Datasheet(HTML) 3 Page - Altera Corporation

  EP4CE75 Datasheet HTML 1Page - Altera Corporation EP4CE75 Datasheet HTML 2Page - Altera Corporation EP4CE75 Datasheet HTML 3Page - Altera Corporation EP4CE75 Datasheet HTML 4Page - Altera Corporation EP4CE75 Datasheet HTML 5Page - Altera Corporation EP4CE75 Datasheet HTML 6Page - Altera Corporation EP4CE75 Datasheet HTML 7Page - Altera Corporation EP4CE75 Datasheet HTML 8Page - Altera Corporation EP4CE75 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Chapter 1: Cyclone IV FPGA Device Family Overview
1–3
Device Resources
November 2011
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
■
Up to 532 user I/Os
■
LVDS interfaces up to 840 Mbps transmitter (Tx), 875 Mbps Rx
■
Support for DDR2 SDRAM interfaces up to 200 MHz
■
Support for QDRII SRAM and DDR SDRAM up to 167 MHz
■
Up to eight phase-locked loops (PLLs) per device
■
Offered in commercial and industrial temperature grades
Device Resources
Table 1–1 lists Cyclone IV E device resources.
Table 1–1. Resources for the Cyclone IV E Device Family
Resources
Logic elements (LEs)
6,272
10,320
15,408
22,320
28,848
39,600
55,856
75,408
114,480
Embedded memory
(Kbits)
270
414
504
594
594
1,134
2,340
2,745
3,888
Embedded 18 × 18
multipliers
15
23
56
66
66
116
154
200
266
General-purpose PLLs
224
44444
4
Global Clock Networks
10
10
20
20
20
20
20
20
20
User I/O Banks
888
88888
8
Maximum user I/O (1)
179
179
343
153
532
532
374
426
528
Note to Table 1–1:
(1) The user I/Os count from pin-out files includes all general purpose I/O, dedicated clock pins, and dual purpose configuration pins. Transceiver
pins and dedicated configuration pins are not included in the pin count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com