Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1129CS8
Description  400mV Dropout Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1129CS8 Datasheet HTML 4Page - Linear Technology LT1129CS8 Datasheet HTML 5Page - Linear Technology LT1129CS8 Datasheet HTML 6Page - Linear Technology LT1129CS8 Datasheet HTML 7Page - Linear Technology LT1129CS8 Datasheet HTML 8Page - Linear Technology LT1129CS8 Datasheet HTML 9Page - Linear Technology LT1129CS8 Datasheet HTML 10Page - Linear Technology LT1129CS8 Datasheet HTML 11Page - Linear Technology LT1129CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
8
112935ff
TYPICAL PERFORMANCE CHARACTERISTICS
Reverse Output Current
Current Limit
Current Limit
Reverse Output Current
Ripple Rejection
Ripple Rejection
INPUT VOLTAGE (V)
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
5
112935 G23
1
3
6
7
VOUT = 0V
TEMPERATURE (°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
112935 G24
–25
25
100
125
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
30
20
10
0
8
112935 G25
2
4
6
10
13
57
9
TJ = 25°C, VIN = 0V
VOUT = VSENSE
(LT1129-3.3/LT1129-5)
VOUT = VADJ (LT1129)
CURRENT FLOWS
INTO DEVICE
LT1129-3.3
LT1129
LT1129-5
TEMPERATURE (°C)
–50
70
68
66
64
62
60
58
56
0
50
75
112935 G26
–25
25
100
125
(VIN – VOUT)AVG = 1V
VRIPPLE = 0.5VP-P
IL = 0.7A
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
112935 G27
100
100k
IOUT = 500mA
VIN = 6V + 50mVRMS RIPPLE
COUT = 47μF
SOLID
TANTALUM
COUT = 3.3μF
SOLID
TANTALUM
TEMPERATURE (°C)
–50
30
25
20
15
10
5
0
0
50
75
112935 G22
–25
25
100
125
VIN = 0V
VOUT = VSENSE = 5V (LT1129-5)
VOUT = VSENSE = 3.3V (LT1129-3.3)
VOUT = VADJ = 3.75V (LT1129)
LT1129-5
Transient Response
Load Regulation
LT1129-5
Transient Response
TEMPERATURE (°C)
–50
0
–5
–10
–15
–20
–25
–30
0
50
75
112935 G28
–25
25
100
125
LT1129*
LT1129-3.3
LT1129-5
VIN = VOUT(NOMINAL) + 1V
ΔILOAD = 1mA to 700mA
*VADJ = VOUT
TIME (μs)
0
0.10
0.05
0
–0.05
–0.10
400
112935 G29
50
200
300
500
0.6
0.5
100 150
250
350
450
VIN = 6V
CIN = 3.3μF
COUT = 3.3μF
TIME (ms)
0
0.2
0.1
0
–0.1
–0.2
1.6
112935 G30
0.2
0.8
1.2
2.0
0.7
0.5
0.3
0.1
0.4 0.6
1.0
1.4
1.8
VIN = 6V
CIN = 3.3μF
COUT = 47μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com