Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1129CS8
Description  400mV Dropout Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1129CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1129CS8 Datasheet HTML 2Page - Linear Technology LT1129CS8 Datasheet HTML 3Page - Linear Technology LT1129CS8 Datasheet HTML 4Page - Linear Technology LT1129CS8 Datasheet HTML 5Page - Linear Technology LT1129CS8 Datasheet HTML 6Page - Linear Technology LT1129CS8 Datasheet HTML 7Page - Linear Technology LT1129CS8 Datasheet HTML 8Page - Linear Technology LT1129CS8 Datasheet HTML 9Page - Linear Technology LT1129CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1129/LT1129-3.3/LT1129-5
6
112935ff
TYPICAL PERFORMANCE CHARACTERISTICS
LT1129-3.3
Quiescent Current
LT1129-5
Quiescent Current
LT1129
Quiescent Current
LT1129-3.3
Output Voltage
LT1129-5
Output Voltage
LT1129
Adjust Pin Voltage
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
112935 G06
2
4
6
10
135
79
VSHDN = 0V
ILOAD = 0
RLOAD = ∞
VOUT = VADJ
VSHDN = OPEN (HI)
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
112935 G05
2
4
6
10
135
79
VSHDN = 0V
ILOAD = 0
RLOAD = ∞
VSHDN = OPEN (HI)
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
112935 G04
2
4
6
10
135
79
ILOAD = 0
RLOAD = ∞
VSHDN = 0V
VSHDN = OPEN (HI)
TEMPERATURE (°C)
–50
3.400
3.375
3.350
3.325
3.300
3.275
3.250
3.225
3.200
0
50
75
112935 G07
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
3.850
3.825
3.800
3.775
3.750
3.725
3.700
3.675
3.650
0
50
75
112935 G09
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
5.100
5.075
5.050
5.025
5.000
4.975
4.950
4.925
4.900
0
50
75
112935 G08
–25
25
100
125
ILOAD = 1mA
LT1129-3.3
Ground Pin Current
LT1129-5
Ground Pin Current
LT1129
Ground Pin Current
INPUT VOLTAGE (V)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
112935 G12
2
4
6
10
135
79
RLOAD = 75Ω
ILOAD = 50mA*
RLOAD = 375Ω
ILOAD = 10mA*
RLOAD = 38Ω
ILOAD = 100mA*
*FOR VOUT = 3.75V
TJ = 25°C
VOUT =
VADJ
INPUT VOLTAGE (V)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
112935 G11
2
4
6
10
135
79
RLOAD = 100Ω
ILOAD = 50mA*
RLOAD = 500Ω
ILOAD = 10mA*
RLOAD = 50Ω
ILOAD = 100mA*
*FOR VOUT = 5V
TJ = 25°C
VOUT = VSENSE
INPUT VOLTAGE (V)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8
112935 G10
2
4
6
10
135
79
RLOAD = 66Ω
ILOAD = 50mA*
RLOAD = 330Ω
ILOAD = 10mA*
RLOAD = 33Ω
ILOAD = 100mA*
TJ = 25°C
VOUT =
VSENSE
*FOR VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com