Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST2222A-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MMST2222A-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST2222A-G Datasheet(HTML) 2 Page - Comchip Technology

  MMST2222A-G Datasheet HTML 1Page - Comchip Technology MMST2222A-G Datasheet HTML 2Page - Comchip Technology MMST2222A-G Datasheet HTML 3Page - Comchip Technology MMST2222A-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (MMST2222A-G)
Page 2
QW-BTR06
REV:A
Fig.1 Grounded Emitter Output
Characteristics
0
VCE, Collector-Emitter Voltage (V)
0
600
500
400
200
300
100
IB=0μA
5
10
50
100
Fig.2 Collector-Emitter Saturation
Voltage vs. Collector Current
0
IC, Collector Current (mA)
1
10
100
1000
0.1
0.2
0.3
O
TA=25 C
IC/IB=10
Fig.3 DC Current Gain vs.
Collector Current
10
IC, Collector Current (mA)
0.1
1.0
10
100
1000
100
1000
O
TA=25 C
VCE=10V
VCE=1V
Fig.4 DC Current Gain vs.
Collector Current
10
IC, Collector Current (mA)
0.1
100
1000
1.0
10
100
1000
VCE=10V
O
TA=125 C
O
25 C
O
-55 C
Fig.5 AC Current gain vs.
Collector Current
10
IC, Collector Current (mA)
0.1
100
1000
1.0
10
100
1000
O
TA=25 C
VCE=10V
f=1KHz
Fig.6 Base-Emitter Saturation Voltage vs.
Collector Current
0
IC, Collector Current (mA)
1.0
10
100
1000
0.4
0.8
1.2
1.6
1.8
O
TA=25 C
IC/IB=10
O
TA=25 C
General Purpose Transistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com