Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST2222A-G Datasheet(PDF) 3 Page - Comchip Technology

Part # MMST2222A-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST2222A-G Datasheet(HTML) 3 Page - Comchip Technology

  MMST2222A-G Datasheet HTML 1Page - Comchip Technology MMST2222A-G Datasheet HTML 2Page - Comchip Technology MMST2222A-G Datasheet HTML 3Page - Comchip Technology MMST2222A-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (MMST2222A-G)
Page 3
QW-BTR06
REV:A
Fig.8 Turn-on time vs. Collector Current
10
IC, Collector Current (mA)
1.0
10
100
1000
100
1000
Fig.9 Rise Time vs. Collector Current
5
IC, Collector Current (mA)
1.0
10
100
1000
100
500
Fig.10 Storage Time vs. Collector Current
10
IC, Collector Current (mA)
100
1000
1.0
10
100
1000
Fig.11 Fall Time vs. Collector Current
10
IC, Collector Current (mA)
100
1000
Fig.7 Grounded-Emitter Propagation
Characteristics
0
IC, Collector Current (mA)
1.0
10
100
1000
0.4
0.8
1.2
1.6
1.8
O
TA=25 C
VCE=10V
O
TA=25 C
IC/IB=10
VCC=30V
VCC=10V
10
O
TA=25 C
VCC=30V
IC/IB=10
O
TA=25 C
VCC=30V
IC=10IB1=10IB2
O
TA=25 C
VCC=30V
IC=10IB1=10IB2
1.0
10
100
1000
O
TA=25 C
f=1MHz
Fig.12 Input/Output Capacitance vs. Voltage
1
Reverse Bias Voltage (V)
10
100
0.1
1.0
10
100
Cib
Cob
General Purpose Transistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com