Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1339 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1339
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 3 Page - Linear Technology

  LT1339 Datasheet HTML 1Page - Linear Technology LT1339 Datasheet HTML 2Page - Linear Technology LT1339 Datasheet HTML 3Page - Linear Technology LT1339 Datasheet HTML 4Page - Linear Technology LT1339 Datasheet HTML 5Page - Linear Technology LT1339 Datasheet HTML 6Page - Linear Technology LT1339 Datasheet HTML 7Page - Linear Technology LT1339 Datasheet HTML 8Page - Linear Technology LT1339 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3844
3
3844fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 20V, VCC = BOOST = BURST_EN = 10V, SHDN = 2V, RSET = 49.9k,
SENSE– = SENSE+ = 10V, SGND = PGND = SW = SYNC = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage Range (Note 5)
VCC Output Voltage
VCC UVLO Threshold (Rising)
VCC UVLO Threshold Hysteresis
Over Full Line and Load Range
l
l
8
6.25
500
20
8.3
V
V
V
mV
VCC Supply Current (Note 6)
VCC Burst Mode Current
VCC Shutdown Current
VCC Current Limit
VBURST_EN = 0V
VSHDN = 0V
l
l
–40
1.7
95
20
–120
2.1
mA
μA
μA
mA
Error Amp Reference Voltage
Measured at VFB Pin
l
1.224
1.215
1.231
1.238
1.245
V
V
VFB Pin Input Current
VFB = 1.231V
25
nA
SHDN Enable Threshold (Rising)
SHDN Threshold Hysteresis
l
1.3
1.35
120
1.4
V
mV
Sense Pins Common Mode Range
Current Limit Sense Voltage
VSENSE+ – VSENSE–
l
l
0
90
100
36
115
V
mV
Input Current
(ISENSE+ + ISENSE–)
VSENSE(CM) = 0V
VSENSE(CM) = 2V
VSENSE(CM) > 4V
350
–25
–170
μA
μA
μA
Operating Frequency
l
290
270
300
310
330
kHz
kHz
Minimum Programmable Frequency
Maximum Programmable Frequency
l
l
500
100
kHz
kHz
External Sync Frequency Range
l
100
600
kHz
SYNC Input Resistance
40
kΩ
SYNC Voltage Threshold
l
1.4
2
V
Soft-Start Capacitor Control Current
2
μA
Error Amp Transconductance
l
270
340
410
μS
Error Amp DC Voltage Gain
62
dB
Error Amp Sink/Source Current
±30
μA
TG Drive On Voltage (Note 7)
TG Drive Off Voltage
CLOAD = 2200pF
CLOAD = 2200pF
9.8
0.1
V
V
TG Drive Rise/Fall Time
10% to 90% or 90% to 10%, CLOAD = 2200pF
40
ns
Minimum TG Off Time
l
350
500
ns
Minimum TG On Time
l
250
350
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3844 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LT3844E is guaranteed to meet performance specifications from
0°C to 125°C junction temperature. Specifications over the –40°C to 125°C
operating junction temperature range are assured by design, characterization
and correlation with statistical process controls. The LT3844I is guaranteed
over the full –40°C to 125°C operating junction temperature range.
Note 4: VIN voltages below the start-up threshold (7.5V) are only
supported when the VCC is externally driven above 6.5V.
Note 5: Operating range is dictated by MOSFET absolute maximum VGS.
Note 6: Supply current specification does not include switch drive
currents. Actual supply currents will be higher.
Note 7: DC measurement of gate drive output “ON” voltage is typically
8.6V. Internal dynamic bootstrap operation yields typical gate “ON”
voltages of 9.8V during standard switching operation. Standard operation
gate “ON” voltage is not tested but guaranteed by design.
Note 8: The –1V absolute maximum on the SW pin is a transient condition.
It is guaranteed by design and not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com