Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1339 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1339
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 4 Page - Linear Technology

  LT1339 Datasheet HTML 1Page - Linear Technology LT1339 Datasheet HTML 2Page - Linear Technology LT1339 Datasheet HTML 3Page - Linear Technology LT1339 Datasheet HTML 4Page - Linear Technology LT1339 Datasheet HTML 5Page - Linear Technology LT1339 Datasheet HTML 6Page - Linear Technology LT1339 Datasheet HTML 7Page - Linear Technology LT1339 Datasheet HTML 8Page - Linear Technology LT1339 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3844
4
3844fb
3844 G01
1.38
1.37
1.36
1.35
1.34
1.33
1.32
TEMPERATURE (°C)
–50
25
75
3844 G02
–25
0
50
100
125
TEMPERATURE (°C)
–50
1.26
1.25
1.24
1.23
1.22
1.21
1.20
25
75
–25
0
50
100
125
3844 G05
VIN (V)
9
8
7
6
5
4
3
4
6
8
9
57
10
11
12
3844 G07
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
3844 G08
6.5
6.4
6.3
6.2
6.1
6.0
TEMPERATURE (°C)
–50
350
345
340
335
330
325
320
25
75
3844 G09
–25
0
50
100
125
ICC = 20mA
TA = 25°C
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
3844 G03
8.2
8.1
8.0
7.9
7.8
7.7
7.6
7.5
ICC = 20mA
–50
–25
100
0
50
125
25
75
TEMPERATURE (°C)
200
175
150
125
100
75
50
3844 G06
ICC(LOAD) (mA)
0
40
3844 G04
10
20
30
8.05
8.00
7.95
7.90
7.85
515
25
35
TA = 25°C
VCC (V)
0
15
20
25
16
10
5
0
246
810 12 14
18 20
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Threshold (Rising)
vs Temperature
VCC vs Temperature
VCC vs ICC(LOAD)
VCC vs VIN
ICC Current Limit vs Temperature
VCC UVLO Threshold (Rising)
vs Temperature
ICC vs VCC (SHDN = 0V)
Error Amp Transconductance
vs Temperature
Shutdown Threshold (Falling)
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com