Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1655 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1655
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655 Datasheet(HTML) 2 Page - Linear Technology

  LTC1655 Datasheet HTML 1Page - Linear Technology LTC1655 Datasheet HTML 2Page - Linear Technology LTC1655 Datasheet HTML 3Page - Linear Technology LTC1655 Datasheet HTML 4Page - Linear Technology LTC1655 Datasheet HTML 5Page - Linear Technology LTC1655 Datasheet HTML 6Page - Linear Technology LTC1655 Datasheet HTML 7Page - Linear Technology LTC1655 Datasheet HTML 8Page - Linear Technology LTC1655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1655/LTC1655L
ABSOLUTE MAXIMUM RATINGS
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
LTC1655CN8
LTC1655IN8
LTC1655CS8
LTC1655IS8
LTC1655LCN8
LTC1655LIN8
LTC1655LCS8
LTC1655LIS8
S8 PART MARKING
1655
1655I
1655L
1655LI
Consult factory for Military grade parts.
(Note 1)
VCC to GND .............................................. –0.5V to 7.5V
TTL Input Voltage .................................... – 0.5V to 7.5V
VOUT, REF ....................................... – 0.5V to VCC + 0.5V
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LTC1655C/LTC1655LC ........................... 0
°C to 70°C
LTC1655I/LTC1655LI ........................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
1
2
3
4
8
7
6
5
TOP VIEW
VCC
VOUT
REF
GND
CLK
DIN
CS/LD
DOUT
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
TJMAX = 125°C, θJA = 100°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 4.5V to 5.5V (LTC1655), VCC = 2.7V to 5.5V (LTC1655L); VOUT unloaded, REF unloaded, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
16
Bits
Monotonicity
q
16
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
LTC1655, REF = 2.2V, VCC = 5V (Note 8) (External)
q
±0.3
±1.0
LSB
LTC1655L, REF = 2.2V, VCC = 5V (Note 8) (External)
q
±0.5
±1.0
LSB
INL
Integral Nonlinearity
LTC1655, REF = 2.2V, VCC = 5V (Note 8) (External)
q
±8
±20
LSB
LTC1655L, REF = 2.2V, VCC = 5V (Note 8) (External)
q
±8
±20
LSB
ZSE
Zero Scale Error
LTC1655
q
0
3.0
mV
LTC1655L
q
0
3.5
mV
VOS
Offset Error
Measured at Code 200
LTC1655, REF = 2.2V, VCC = 5V (Note 8) (External)
q
±0.5
±3.0
mV
LTC1655L, REF = 1.3V, VCC = 2.7V (Note 8) (External) q
±0.5
±3.5
mV
VOSTC
Offset Error Tempco
±5
µV/°C
Gain Error
REF = 2.2V (External), VCC = 5V (Note 8)
q
±5
±16
LSB
Gain Error Drift
0.5
ppm/
°C
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
LTC1655
q
4.5
5.5
V
LTC1655L
q
2.7
5.5
V
ICC
Supply Current
(Note 3)
q
600
1200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com