Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1655 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1655
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1655 Datasheet HTML 2Page - Linear Technology LTC1655 Datasheet HTML 3Page - Linear Technology LTC1655 Datasheet HTML 4Page - Linear Technology LTC1655 Datasheet HTML 5Page - Linear Technology LTC1655 Datasheet HTML 6Page - Linear Technology LTC1655 Datasheet HTML 7Page - Linear Technology LTC1655 Datasheet HTML 8Page - Linear Technology LTC1655 Datasheet HTML 9Page - Linear Technology LTC1655 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1655/LTC1655L
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT SINK CURRENT (mA)
0
1.0
0.8
0.6
0.4
0.2
0
1655/55L G04
5
10
15
125
°C
25
°C
–55
°C
CODE: ALL 0s
LTC1655 Minimum Output Voltage
vs Output Sink Current
LTC1655 Full-Scale Voltage vs
Temperature
TEMPERATURE (
°C)
–55
4.10
4.09
4.08
4.07
–25
535
65
1655/55L G05
95
125
LTC1655L Minimum Output
Voltage vs Output Sink Current
TEMPERATURE (
°C)
–55
125
1655/55L G06
–10
35
80
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
LTC1655 Offset vs Temperature
LTC1655L Full-Scale Voltage vs
Temperature
LTC1655L Offset vs Temperature
TEMPERATURE (
°C)
–55
2.510
2.505
2.500
2.495
2.490
–25
535
65
1655/55L G05a
95
125
OUTPUT SINK CURRENT (mA)
0
0.8
0.6
0.4
0.2
0
1655/55L G04a
5
10
15
CODE: ALL 0s
125
°C
25
°C
–55
°C
TEMPERATURE (
°C)
–55
125
1655/55L G06a
–10
35
80
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 5V (LTC1655), VCC = 3V (LTC1655L) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com