Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1872 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1872
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1872 Datasheet HTML 5Page - Linear Technology LTC1872 Datasheet HTML 6Page - Linear Technology LTC1872 Datasheet HTML 7Page - Linear Technology LTC1872 Datasheet HTML 8Page - Linear Technology LTC1872 Datasheet HTML 9Page - Linear Technology LTC1872 Datasheet HTML 10Page - Linear Technology LTC1872 Datasheet HTML 11Page - Linear Technology LTC1872 Datasheet HTML 12Page - Linear Technology LTC1872 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC1871
9
1871fe
OPERATION
Figure 2. Using the SENSE Pin On the LTC1871
reset pulse to the main RS latch. Because this RS latch is
reset-dominant, the power MOSFET is actively held off for
the duration of an output overvoltage condition.
The LTC1871 can be used either by sensing the voltage
drop across the power MOSFET or by connecting the
SENSE pin to a conventional shunt resistor in the source
of the power MOSFET, as shown in Figure 2. Sensing the
voltage across the power MOSFET maximizes converter
efficiency and minimizes the component count, but limits
the output voltage to the maximum rating for this pin (36V).
By connecting the SENSE pin to a resistor in the source
of the power MOSFET, the user is able to program output
voltages significantly greater than 36V.
Programming the Operating Mode
For applications where maximizing the efficiency at very
light loads (e.g., <100μA) is a high priority, the current
in the output divider could be decreased to a few micro-
amps and Burst Mode operation should be applied (i.e.,
the MODE/SYNC pin should be connected to ground).
In applications where fixed frequency operation is more
critical than low current efficiency, or where the lowest
output ripple is desired, pulse-skip mode operation should
be used and the MODE/SYNC pin should be connected
to the INTVCC pin. This allows discontinuous conduction
mode (DCM) operation down to near the limit defined
by the chip’s minimum on-time (about 175ns). Below
this output current level, the converter will begin to skip
cycles in order to maintain output regulation. Figures 3
and 4 show the light load switching waveforms for Burst
Mode and pulse-skip mode operation for the converter
in Figure 1.
Burst Mode Operation
Burst Mode operation is selected by leaving the MODE/
SYNC pin unconnected or by connecting it to ground. In
normal operation, the range on the ITHpincorrespondingto
no load to full load is 0.30V to 1.2V. In Burst Mode opera-
tion, if the error amplifier EA drives the ITH voltage below
0.525V, the buffered ITH input to the current comparator
C1 will be clamped at 0.525V (which corresponds to 25%
of maximum load current). The inductor current peak is
then held at approximately 30mV divided by the power
COUT
VSW
VSW
2a. SENSE Pin Connection for
Maximum Efficiency (VSW < 36V)
VOUT
VIN
GND
L
D
+
COUT
RS
1871 F02
2b. SENSE Pin Connection for Precise
Control of Peak Current or for VSW > 36V
VOUT
VIN
GND
L
D
+
GATE
GND
VIN
SENSE
GATE
GND
VIN
SENSE
The nominal operating frequency of the LTC1871 is pro-
grammed using a resistor from the FREQ pin to ground
and can be controlled over a 50kHz to 1000kHz range. In
addition, the internal oscillator can be synchronized to
an external clock applied to the MODE/SYNC pin and can
be locked to a frequency between 100% and 130% of its
nominal value. When the MODE/SYNC pin is left open, it
is pulled low by an internal 50k resistor and Burst Mode
operation is enabled. If this pin is taken above 2V or an
external clock is applied, Burst Mode operation is disabled
and the IC operates in continuous mode. With no load (or
an extremely light load), the controller will skip pulses in
order to maintain regulation and prevent excessive output
ripple.
The RUN pin controls whether the IC is enabled or is in a low
current shutdown state. A micropower 1.248V reference
and comparator C2 allow the user to program the supply
voltage at which the IC turns on and off (comparator C2
has 100mV of hysteresis for noise immunity). With the
RUN pin below 1.248V, the chip is off and the input supply
current is typically only 10μA.
An overvoltage comparator OV senses when the FB pin
exceeds the reference voltage by 6.5% and provides a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com